Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 64 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 60Page - Analog Devices ADXL366 Datasheet HTML 61Page - Analog Devices ADXL366 Datasheet HTML 62Page - Analog Devices ADXL366 Datasheet HTML 63Page - Analog Devices ADXL366 Datasheet HTML 64Page - Analog Devices ADXL366 Datasheet HTML 65Page - Analog Devices ADXL366 Datasheet HTML 66Page - Analog Devices ADXL366 Datasheet HTML 67Page - Analog Devices ADXL366 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 71 page
background image
Data Sheet
ADXL366
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 64 of 71
FIFO MODES
The FIFO is a 512-sample memory buffer that can be used to save
power, unburden the host processor, and autonomously record
data. Note that to guarantee inertial data from the same sample,
the user must read a complete set of data (for example, x-channel,
y-channel, z-channel, temperature) consecutively. If the channels
are not read consecutively, there is a chance of missing data.
The FIFO operates in one of the four modes described in the
FIFO Disabled section, Oldest Saved Mode section, Stream Mode
section, and Triggered Mode section.
FIFO Disabled
When the FIFO is disabled, no data is stored in it and any data
already stored in it is cleared.
The FIFO is disabled by setting the FIFO_MODE bits in the
FIFO_CONTROL register (Address 0x28) to the Binary Value 0b00.
Oldest Saved Mode
In oldest saved mode, the FIFO accumulates data until it is full and
then stops. Additional data is collected only when space is made
available by reading samples out of the FIFO buffer (this mode of
operation is sometimes referred to as first N)
The FIFO is placed into oldest saved mode by setting the
FIFO_MODE bits in the FIFO_CONTROL register (Address 0x28)
to Binary Value 0b01.
Stream Mode
In stream mode, the FIFO always contains the most recent data.
The oldest sample is discarded when space is needed to make
room for a newer sample (this mode of operation is sometimes
referred to as last N).
Stream mode is useful for unburdening a host processor. The pro-
cessor can tend to other tasks while data is being collected in the
FIFO. When the FIFO fills to a certain number of samples (specified
by the FIFO_SAMPLES register along with the FIFO_SAMPLES[8]
bit in the FIFO_CONTROL register), it triggers a FIFO watermark
interrupt (if this interrupt is enabled). At this point, the host process-
or can read the contents of the entire FIFO and then return to its
other tasks as the FIFO fills again.
The FIFO is placed into stream mode by setting the FIFO_MODE
bits in the FIFO_CONTROL register (Address 0x28) to Binary Value
0b10.
Triggered Mode
In triggered mode, the FIFO saves samples surrounding an activity
detection event. The operation is similar to a one-time run trigger
on an oscilloscope. The number of samples to be saved prior to the
activity event is specified in FIFO_SAMPLES (Register 0x29, along
with the FIFO_SAMPLES[8] bit in the FIFO_CONTROL register,
Address 0x28).
Place the FIFO into triggered mode by setting the FIFO_MODE
bits in the FIFO_CONTROL register (Address 0x28) to Binary Value
0b11.
FIFO CONFIGURATION
The FIFO mode is configured via Register 0x28 and Register 0x29.
The FIFO data structure is configured via Register 0x3C. Settings
are described in detail in the Register Details section.
FIFO Interrupts
The FIFO can generate interrupts to indicate when samples are
available, when a specified number of samples has been collected,
and when the FIFO overflows and samples are lost. See the Using
FIFO Interrupts section for more information.
Retrieving Data from FIFO
FIFO data is read by issuing a FIFO read command, described
in the Serial Communications section. The ADXL366 FIFO can
support 14 bits or 12 bits with data type information available, as
shown in Table 83 and Table 84.
Table 83. 14-Bit Data
Bits
Bit Name
Settings
D[15:14]
Data Type
00: x-axis
01: y-axis
10: z-axis
11: temperature/external ADC
D13
MSB
D[12:1]
Data
D0
LSB
Table 84. 12-Bit Data
Bits
Bit Name
Settings
D[15:8]
Data[7:LSB]
D[7:6]
Channel ID
00: x-axis
01: y-axis
10: z-axis
11: temperature/external ADC
D[5:4]
Sign extension
D[3:0]
Data[MSB:8]
The ADXL366 also supports data packed mode to increase data
throughput and save system power. An 8-bit data-word is provided
for readback. In 8-bit mode, only the upper 8 bits of a sample are
sent out, and no channel ID is prepended. Therefore, the user can
get the most efficient data transfer, just 8 bits per stored sample (at
the cost of full data resolution). A 12-bit data-word is provided for
readback. In 12-bit mode, only the upper 12 bits of a sample are
sent out, no channel ID is prepended. Therefore, the user can get
a more efficient data transfer, 2 words (24 bits) into 3 bytes. There



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com