Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 34 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 30Page - Analog Devices ADXL366 Datasheet HTML 31Page - Analog Devices ADXL366 Datasheet HTML 32Page - Analog Devices ADXL366 Datasheet HTML 33Page - Analog Devices ADXL366 Datasheet HTML 34Page - Analog Devices ADXL366 Datasheet HTML 35Page - Analog Devices ADXL366 Datasheet HTML 36Page - Analog Devices ADXL366 Datasheet HTML 37Page - Analog Devices ADXL366 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
Data Sheet
ADXL366
REGISTER DETAILS
analog.com
Rev. 0 | 34 of 71
This section describes the functions of the ADXL366 registers. The ADXL366 powers up with the default register values as shown in the reset
column of Table 11.
Note that any changes to the registers before the POWER_CTL register (Register 0x00 to Register 0x2C) must be made with the device in
standby. If changes are made while the ADXL366 is in measurement mode, these changes may be effective for only part of a measurement.
In the following register sections, the term Address is synonymous to Register.
ADI DEVICE ID REGISTER
Address: 0x00, Reset: 0xAD, Name: DEVID_AD
Table 12. Bit Descriptions for DEVID_AD
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DEVID_AD
This register contains the Analog Devices device ID.
0xAD
R
MEMS DEVICE ID REGISTER
Address: 0x01, Reset: 0x1D, Name: DEVID_MST
Table 13. Bit Descriptions for DEVID_MST
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
DEVID_MST
This register contains the Analog Devices MEMS device ID.
0x1D
R
PART ID REGISTER
Address: 0x02, Reset: 0xF7, Name: PART_ID
Table 14. Bit Descriptions for PART_ID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PART_ID
This register contains the device ID.
0xF7
R
REVISION ID REGISTER
Address: 0x03, Reset: 0x03, Name: REV_ID
Table 15. Bit Descriptions for REV_ID
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
REV_ID
This register contains the product revision ID.
0x05
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com