Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 2Page - Analog Devices ADXL366 Datasheet HTML 3Page - Analog Devices ADXL366 Datasheet HTML 4Page - Analog Devices ADXL366 Datasheet HTML 5Page - Analog Devices ADXL366 Datasheet HTML 6Page - Analog Devices ADXL366 Datasheet HTML 7Page - Analog Devices ADXL366 Datasheet HTML 8Page - Analog Devices ADXL366 Datasheet HTML 9Page - Analog Devices ADXL366 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
Data Sheet
ADXL366
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 71
Table 1. Specifications (Continued)
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
EXTERNAL ADC INPUT
Input Range
0 (GND)
VREG_OUT V
Bias14
−8030
LSB
Gain
15,301
LSB/V
Noise RMS
ODR = 100Hz
3
LSB
Signal-to-Noise Ration (SNR)
70
dB
ENVIRONMENTAL
Operating Temperature Range
−40
+85
°C
1 All minimum and maximum specifications are guaranteed. Typical specifications may not be guaranteed.
2 Typical value based on characterization, not tested in production.
3 Typical value defined based on design and simulation. It is not tested in production.
4 Cross axis sensitivity is defined as coupling between any two axes. Typical value based on characterization, not tested in production.
5 Change from ambient (0°C to 25°C or 25°C to 60°C).
6 Change from ambient (−40°C to +25°C or +25°C to +85°C).
7 See the Operation at Voltages Other Than 2.0V
8 Self test change is defined as the output change in g when self test is asserted. Different supplies and g ranges cause different self test changes.
9 The supply current may increase when temperature sensor, FIFO, or external ADC are enabled.
10 Tested under 2.0V VS and VDDIO.
11 The wake-up mode current consumption when sampling at 1.5625SPS, which can be configured in the WAKEUP_RATE bits (Bits[7:6]) in Register 0x39.
12 This value reflects the maximum peak on the FFT, which is at 1.6kHz
13 Refer to the Power Supply Requirements section for the minimum supply rise time requirements.
14 The ADC data format is signed, and the input signal is single ended with respective to VREG_OUT/2; therefore, the code equal to 0LSB is approximately 0.53V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com