Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 56 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 52Page - Analog Devices ADXL366 Datasheet HTML 53Page - Analog Devices ADXL366 Datasheet HTML 54Page - Analog Devices ADXL366 Datasheet HTML 55Page - Analog Devices ADXL366 Datasheet HTML 56Page - Analog Devices ADXL366 Datasheet HTML 57Page - Analog Devices ADXL366 Datasheet HTML 58Page - Analog Devices ADXL366 Datasheet HTML 59Page - Analog Devices ADXL366 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
Data Sheet
ADXL366
REGISTER DETAILS
analog.com
Rev. 0 | 56 of 71
Table 71. Bit Descriptions for TEMP_ADC_TIMER (Continued)
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
TIMER_TEMP_ADC_ACT
The value in this bit field sets the number of consecutive samples that must have
a value greater than the activity threshold (set by TEMP_ADC_THRESH_HI) for an
activity event to be detected.
0x0
R/W
AXIS MASK REGISTER
Address: 0x43, Reset: 0x00, Name: AXIS_MASK
Table 72. Bit Descriptions for AXIS_MASK
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:4]
TAP_AXIS
Select which axis to be looked at for tap detection.
0x0
R/W
00: x-axis
01: y-axis
10: Z-axis
3
RESERVED
Reserved.
0x0
R
2
ACT_INACT_Z
Set to 1 to block activity and inactivity checking on the z-axis, checking on by default.
0x0
R/W
1
ACT_INACT_Y
Set to 1 to block activity and inactivity checking on the y-axis, checking on by default.
0x0
R/W
0
ACT_INACT_X
Set to 1 to block activity and inactivity checking on the x-axis, checking on by default.
0x0
R/W
STATUS COPY REGISTER
Address: 0x44, Reset: 0x40, Name: STATUS_COPY
Table 73. Bit Descriptions for STATUS_COPY
Bits
Bit Name
Description
Reset
Access
7
ERR_USER_REGS
SEU Error Detect. 1 indicates one of two conditions: either an SEU event, such as an alpha particle of
a power glitch, has disturbed a user register setting or the ADXL366 is not configured. This bit is high
on both startup and soft reset, and resets as soon as any register write commands are performed.
0x0
R
6
AWAKE
Indicates whether the accelerometer is in an active (AWAKE = 1) or inactive (AWAKE = 0) state, based
on the activity and inactivity functionality. To enable autosleep, activity and inactivity detection must
be in linked mode or loop mode (LINKLOOP bits in the ACT_INACT_CTL register). Otherwise, this bit
defaults to 1 and must be ignored.
0x1
R
0: device is inactive.
1: device is active (reset state).
5
INACT
Inactivity. 1 indicates that the inactivity detection function has detected an inactivity or a free fall
condition.
0x0
R
4
ACT
Activity. 1 indicates that the activity detection function has detected an overthreshold condition.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com