Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 10 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 6Page - Analog Devices ADXL366 Datasheet HTML 7Page - Analog Devices ADXL366 Datasheet HTML 8Page - Analog Devices ADXL366 Datasheet HTML 9Page - Analog Devices ADXL366 Datasheet HTML 10Page - Analog Devices ADXL366 Datasheet HTML 11Page - Analog Devices ADXL366 Datasheet HTML 12Page - Analog Devices ADXL366 Datasheet HTML 13Page - Analog Devices ADXL366 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
Data Sheet
ADXL366
SPECIFICATIONS
analog.com
Rev. 0 | 10 of 71
Figure 9. SPI FIFO Read (N 8-Bit Packed Words)
Figure 10. Timing Diagram for SPI Receive Instructions
Figure 11. Timing Diagram for SPI Send Instructions
Figure 12. I2C FIFO Read (N 16-Bit Words); Sub Stands for Subordinate
Figure 13. I2C FIFO Read (N 8-Bit Words); Sub Stands for Subordinate
Figure 14. I2C FIFO Read (N 12-Bit Words); Sub Stands for Subordinate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com