Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 4 Page - Analog Devices

  ADXL366 Datasheet HTML 1Page - Analog Devices ADXL366 Datasheet HTML 2Page - Analog Devices ADXL366 Datasheet HTML 3Page - Analog Devices ADXL366 Datasheet HTML 4Page - Analog Devices ADXL366 Datasheet HTML 5Page - Analog Devices ADXL366 Datasheet HTML 6Page - Analog Devices ADXL366 Datasheet HTML 7Page - Analog Devices ADXL366 Datasheet HTML 8Page - Analog Devices ADXL366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
Data Sheet
ADXL366
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 71
TA = 25°C, VS = 2.0V, VDDIO = 2.0V, 100Hz ODR, ±2g range, acceleration = 0g, and default settings for other registers, unless otherwise noted.
Table 1. Specifications
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
SENSOR INPUT
Each axis
Measurement Range
User selectable
±2, ±4, ±8
g
Nonlinearity
Percentage of full-scale range (FSR)
X-Axis and Y-Axis
FSR = 2g
0.51
%
Z-Axis
FSR = 2g, nonlinearity compensation enabled
0.51
%
FSR = 2g, nonlinearity compensation disabled
1.88
%
X-Axis and Y−Axis
FSR = 4g
0.77
%
Z-Axis
FSR = 4g, nonlinearity compensation enabled
0.53
%
FSR = 4g, nonlinearity compensation disabled
3.82
%
X-Axis and Y-Axis
FSR = 8g
3.36
%
Z-Axis
FSR = 8g, nonlinearity compensation enabled
1.66
%
FSR = 8g, nonlinearity compensation disabled
8.34
%
Sensor Resonant Frequency
X-axis and y−axis2
2130
Hz
Z-axis3
3000
Hz
Cross Axis Sensitivity4
Values represented as: mean (± standard
deviation)
YX
+0.2 (±0.6)
%
XY
−0.7 (±0.6)
%
ZY
+0.1 (±0.3)
%
YZ
−0.1 (±0.3)
%
XZ
+0.2 (±0.3)
%
ZX
−0.3 (±0.3)
%
OUTPUT RESOLUTION
Each axis
All g Ranges
14
Bits
SENSITIVITY
Each axis
Scale Factor
2g range
0.25
mg/LSB
4g range
0.5
mg/LSB
8g range
1
mg/LSB
Sensitivity
2g range
4000
LSB/g
4g range
2000
LSB/g
8g range
1000
LSB/g
Sensitivity Trim Accuracy
All ranges
±5
% of typical
sensitivity
Sensitivity Change vs. Voltage Supply
0.45
%/V
Sensitivity Change Due to Temperature5
±0.07
%/°C
0g OFFSET
Each axis
0g Output
X-axis output (XOUT) and Y-axis output (YOUT)
−150
±25
+150
mg
Z-axis output (ZOUT)
−250
±50
+250
mg
0g Offset vs. Temperature6
2g range
±0.4
mg/°C
4g range
±0.6
mg/°C
8g range
±1.0
mg/°C
0g Offset vs. Power Supply Voltage7 section.
X-Axis and Y-Axis
3
mg/V
Z-Axis
14
mg/V
0g Offset vs. Measurement Range
±3σ of 0g Offset Change from 2g to 4g Range
±30
mg
±3σ of 0g Offset Change from 2g to 8g Range
±80
mg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com