Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 3 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 3 Page - Analog Devices

  ADXL366 Datasheet HTML 1Page - Analog Devices ADXL366 Datasheet HTML 2Page - Analog Devices ADXL366 Datasheet HTML 3Page - Analog Devices ADXL366 Datasheet HTML 4Page - Analog Devices ADXL366 Datasheet HTML 5Page - Analog Devices ADXL366 Datasheet HTML 6Page - Analog Devices ADXL366 Datasheet HTML 7Page - Analog Devices ADXL366 Datasheet HTML 8Page - Analog Devices ADXL366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
Data Sheet
ADXL366
TABLE OF CONTENTS
analog.com
Rev. 0 | 3 of 71
ADC Control Register.......................................53
Temperature Configuration Register................ 54
TEMP_ADC_ACT_THRSH_HIGH Register.....54
TEMP_ADC_ACT_THRSH_LOW Register......54
TEMP_ADC_INACT_THRSH_HIGH
Register.......................................................... 55
TEMP_ADC_INACT_THRSH_LOW Register.. 55
Temperature Activity Inactivity Timer
Register.......................................................... 55
Axis Mask Register...........................................56
Status Copy Register....................................... 56
Status 2 Register..............................................57
Status 3 Register..............................................57
Pedometer Step Count High Register.............. 58
Pedometer Step Count Low Register...............58
Pedometer Control Register.............................58
Pedometer Threshold High Register................ 58
Pedometer Threshold Low Register.................59
Pedometer Sensitivity Bits[14:8] Register........ 59
Pedometer Sensitivity Bits[7:0] Register.......... 59
Applications Information...................................... 60
Application Examples.......................................60
Power Supply Requirements............................63
FIFO Modes..................................................... 64
FIFO Configuration...........................................64
Interrupts.......................................................... 66
Using External Trigger......................................67
Using an External Clock................................... 68
Using Self Test ................................................ 68
Operation at Voltages Other Than 2.0V........... 69
Sensitivity Dependency with ODR....................69
Sensitivity Dependency with Power Mode ...... 69
Mechanical Considerations for Mounting......... 69
Layout and Design Recommendations............ 70
Axes of Acceleration Sensitivity....................... 70
Outline Dimensions............................................. 71
Ordering Guide.................................................71
Evaluation Boards............................................ 71
REVISION HISTORY
4/2025—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com