Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 65 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 61Page - Analog Devices ADXL366 Datasheet HTML 62Page - Analog Devices ADXL366 Datasheet HTML 63Page - Analog Devices ADXL366 Datasheet HTML 64Page - Analog Devices ADXL366 Datasheet HTML 65Page - Analog Devices ADXL366 Datasheet HTML 66Page - Analog Devices ADXL366 Datasheet HTML 67Page - Analog Devices ADXL366 Datasheet HTML 68Page - Analog Devices ADXL366 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
Data Sheet
ADXL366
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 65 of 71
is still a resolution cost associated because only 12 bits per stored
sample are being sent. The data format for the packed modes is
shown in Table 85 and Table 86.
Table 85. 8-Bit Packed Format
Byte
Byte Name
Number of Bits
Byte 1
Sample 1
8
Byte 0
Sample 0
8
Table 86. 12-Bit Packed Format
Byte
Byte Name
Byte 2
Sample 1, [11:4]
Byte 1, [7:4]
Sample 1, [3:0]
Byte 1, [3:0]
Sample 0, [11:8]
Byte 0
Sample 0, [7:0]
The FIFO can store up to 513 data entries. There is a 512-sample
memory buffer plus one data holding register, which are divided
into repeating data sets. A data set contains one sample of data
for each selected measurement. The measurements include the
following:
►
Acceleration: any one axis or all three axes can be stored in the
FIFO. This selection is made in the FIFO_CONTROL register.
►
Temperature: temperature can either be stored in the FIFO or
not, as specified in the FIFO_CONTROL register.
►
ADC: ADC can either be stored in the FIFO or not, as specified
in the FIFO_CONTROL register.
The 513 FIFO samples can be allocated in several ways, such as
the following:
►
513 sample sets of single-axis data
►
256 sample sets of concurrent 2-channel data
►
171 sample sets of concurrent 3-channel data
►
128 sample sets of concurrent 4-channel data
►
Note that the FIFO conversion channel must be configured in
standby mode.
Table 87. FIFO Data Structure
CHANNEL_SELECT Value
Sample Set Size (Channels)
Sample Set Stored in FIFO (Axis Acceleration Channels)
0000 (Default)
3
X, y, and z
0001
1
Only x-axis data is converted
0010
1
Only y-axis data is converted
0011
1
Only z-axis data is converted
01001
4
X, y, z, and temperature
01011
2
X, temperature
01101
2
Y, temperature
01111
2
Z, temperature
10001
4
X, y, z, and external ADC
10011
2
X, external ADC
10101
2
Y, external ADC
10111
2
Z, external ADC
11xx
x
Not used
1 To allow for data to be stored in the FIFO, the corresponding feature must be enabled using bit fields in separate control registers (ADC_EN bits in the ADC_CTL register
and the TEMP_EN bits in the TEMP_CTL register, respectively).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com