Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 2 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 2 Page - Analog Devices

  ADXL366 Datasheet HTML 1Page - Analog Devices ADXL366 Datasheet HTML 2Page - Analog Devices ADXL366 Datasheet HTML 3Page - Analog Devices ADXL366 Datasheet HTML 4Page - Analog Devices ADXL366 Datasheet HTML 5Page - Analog Devices ADXL366 Datasheet HTML 6Page - Analog Devices ADXL366 Datasheet HTML 7Page - Analog Devices ADXL366 Datasheet HTML 8Page - Analog Devices ADXL366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 71 page
background image
Data Sheet
ADXL366
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 71
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 4
Timing Specifications......................................... 7
Absolute Maximum Ratings ................................12
Thermal Resistance......................................... 12
Electrostatic Discharge (ESD) Ratings.............12
Recommended Soldering Profile......................12
ESD Caution.....................................................12
Pin Configuration and Function Descriptions...... 13
Typical Performance Characteristics................... 14
Theory of Operation.............................................18
Mechanical Device Operation.......................... 18
Operating Modes..............................................18
Selectable Measurement Ranges.................... 19
Selectable Output Data Rates..........................19
Power and Noise Trade-Off..............................19
Temperature Sensor.........................................19
External ADC....................................................20
Power Savings Features..................................... 21
Ultra-Low Power Consumption in All Modes.... 21
Pedometer .......................................................21
External ADC Interrupt..................................... 22
Motion Detection.............................................. 22
FIFO................................................................. 25
Communications...............................................26
Additional Features..............................................27
Brownout Recovery.......................................... 27
Z-Axis Nonlinearity Compensation .................. 27
Free Fall Detection........................................... 27
Tap Detection................................................... 27
External Clock.................................................. 28
External Trigger ...............................................28
Self Test............................................................28
User Register Protection.................................. 28
Serial Communications........................................29
SPI Commands................................................ 29
Multibyte Transfers...........................................29
Invalid Addresses and Address Aliasing.......... 29
Latency Restrictions......................................... 29
Invalid Commands............................................29
SPI Bus Sharing...............................................30
I2C.................................................................... 30
Register Map....................................................... 31
Register Details................................................... 34
ADI Device ID Register.................................... 34
MEMS Device ID Register................................34
Part ID Register................................................34
Revision ID Register.........................................34
XID Registers................................................... 35
X-Data Bits[13:6] Register................................35
Y-Data Bits[13:6] Register................................ 35
Z-Data Bits[13:6] Register................................ 36
Status Register.................................................36
FIFO Entries Bits[7:0] Register.........................37
FIFO Entries Bits[9:8] Register.........................37
X-Data Bits[13:6] Register................................37
X-Data Bits[5:0] Register..................................38
Y-Data Bits[13:6] Register................................ 38
Y-Data Bits[5:0] Register.................................. 38
Z-Data Bits[13:6] Register................................ 38
Z-Data Bits[5:0] Register.................................. 39
Temperate Data Bits[13:6] Register................. 39
Temperate Data Bits[5:0] Register................... 39
ADC Data Bits[13:6] Register...........................39
ADC Data Bits[5:0] Register.............................40
I2C FIFO Data Register.................................... 40
Soft Reset Register.......................................... 40
Threshold Activity Bits[12:6] Register...............40
Threshold Activity Bits[5:0] Register.................41
Timed Activity Register.....................................41
Threshold Inactivity Bits[12:6] Register............ 41
Threshold Inactivity Bits[5:0] Register.............. 42
Timed Inactivity Bits[15:8] Register.................. 42
Timed Inactivity Bits[7:0] Register.................... 42
Activity Inactivity Control Register.................... 43
FIFO Control Register...................................... 43
FIFO Sample Register......................................45
Interrupt Pin 1 Enables (Lower) Register......... 45
Interrupt Pin 2 Enables (Lower) Register......... 46
Filter Control Register...................................... 46
Power Control Register.................................... 47
User Self Test Register.....................................47
Tap Threshold Register.................................... 48
Tap Duration Register.......................................48
Tap Latency Register........................................48
Tap Window Register....................................... 49
X-Axis User Offset Register............................. 49
Y-Axis User Offset Register..............................49
Z-Axis User Offset Register..............................49
X-Axis User Sensitivity Register.......................50
Y-Axis User Sensitivity Register....................... 50
Z-Axis User Sensitivity Register....................... 50
Timer Control Register..................................... 51
Interrupt Pin 1 Enables (Upper) Register......... 51
Interrupt Pin 2 Enables (Upper) Register......... 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com