Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 49 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 45Page - Analog Devices ADXL366 Datasheet HTML 46Page - Analog Devices ADXL366 Datasheet HTML 47Page - Analog Devices ADXL366 Datasheet HTML 48Page - Analog Devices ADXL366 Datasheet HTML 49Page - Analog Devices ADXL366 Datasheet HTML 50Page - Analog Devices ADXL366 Datasheet HTML 51Page - Analog Devices ADXL366 Datasheet HTML 52Page - Analog Devices ADXL366 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
Data Sheet
ADXL366
REGISTER DETAILS
analog.com
Rev. 0 | 49 of 71
Table 54. Bit Descriptions for TAP_LATENT (Continued)
Bits
Bit Name
Settings
Description
Reset
Access
during which a possible second tap event can be detected. The scale factor is 1.25ms/LSB. A value of
0 disables the double tap function.
TAP WINDOW REGISTER
Address: 0x32, Reset: 0x00, Name: TAP_WINDOW
Table 55. Bit Descriptions for TAP_WINDOW
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
TAP_WINDOW
The TAP_WINDOW register is 8 bits and contains an unsigned time value representing the amount
of time after the expiration of the latency time (determined by the latent register) during which a
second valid second tap (double tap) must occur to be considered a valid double tap. The scale
factor is 1.25ms/LSB.
0x0
R/W
X-AXIS USER OFFSET REGISTER
Address: 0x33, Reset: 0x00, Name: X_OFFSET
Table 56. Bit Descriptions for X_OFFSET
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
X_USER_OFFSET
User X-Axis Offset Calibration That Uses a 15mg/LSB Scale Factor. This calibration is in a twos
complement format where Bit 4 is the sign bit. These bits can be used to shift the offset of the
device. Note that this trim setting shares the same headroom as the factory trim setting. In other
words, a device with a high offset may have less room available for the user to trim.
0x0
R/W
Y-AXIS USER OFFSET REGISTER
Address: 0x34, Reset: 0x00, Name: Y_OFFSET
Table 57. Bit Descriptions for Y_OFFSET
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
Y_USER_OFFSET
User Y-Axis Offset Calibration that Uses a 15mg/LSB Scale Factor. This calibration is in a twos
complement format where Bit 4 is the sign bit. These bits can be used to shift the offset of the
device. Note that this trim setting shares the same headroom as the factory trim setting. In other
words, a device with a high offset may have less room available for the user to trim.
0x0
R/W
Z-AXIS USER OFFSET REGISTER
Address: 0x35, Reset: 0x00, Name: Z_OFFSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com