Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 62 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 58Page - Analog Devices ADXL366 Datasheet HTML 59Page - Analog Devices ADXL366 Datasheet HTML 60Page - Analog Devices ADXL366 Datasheet HTML 61Page - Analog Devices ADXL366 Datasheet HTML 62Page - Analog Devices ADXL366 Datasheet HTML 63Page - Analog Devices ADXL366 Datasheet HTML 64Page - Analog Devices ADXL366 Datasheet HTML 65Page - Analog Devices ADXL366 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 71 page
background image
Data Sheet
ADXL366
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 62 of 71
Using External Timing Triggers
Figure 61 shows an application diagram for using the INT1 pin as
the input for an external clock. In this mode, the external clock
determines all accelerometer timing, including the output data rate
and bandwidth.
To enable this feature, during configuration (while in standby mode),
set the EXT_CLK bit (Bit 6) in the POWER_CTL register. For
example, write 0x42 to the POWER_CTL register to enable the use
of an external clock and place the accelerometer into measurement
mode.
Figure 61. INT1 Pin as the Input for the External Clock
Figure 62 is an application circuit to use the INT2 pin as a trigger
for synchronized sampling. In ultra-low power mode, acceleration
samples are produced every time this trigger is activated. To enable
this feature, near the end of the desired start-up routine, set the
EXT_SAMPLE bit (Bit 3) in the FILTER_CTL register. For example,
write 0x6B to the FILTER_CTL register to enable the trigger and
configure the accelerometer for a ±4g measurement range and
100Hz ODR. See the Using External Trigger section for mode
details.
Figure 62. Using the INT2 Pin to Trigger Synchronized Sampling
Implementing Free Fall Detection
Many digital output accelerometers include a built-in free fall detec-
tion feature. In the ADXL366, implement this function by using the
inactivity interrupt.
When an object is in true free fall, acceleration on all axes is 0g.
Therefore, free fall detection is achieved by looking for acceleration
on all axes to fall to less than a certain threshold (close to 0g) for
a certain amount of time. The inactivity detection functionality, when
used in absolute mode, monitors the acceleration to watch for all
three axes to drop to 0g.
To use inactivity to implement free fall detection, set the value in
the THRESH_INACT bits (Register 0x23 and Register 0x24) to the
desired free fall threshold. Values between 300mg and 600mg are
recommended. The register setting for these values varies based
on the g range setting of the device, as shown in Equation 6.
THRESH_INACT = Threshold Value (g) × Scale Factor (LSB
per g)
(6)
Set the value in the TIME_INACT bits (Register 0x25 and Register
0x26) to implement the minimum amount of time that the accelera-
tion on all axes must be less than the free fall threshold to generate
a free fall condition. Values between 100ms and 350ms are recom-
mended. The register setting for free fall detection varies based
on the output data rate. Equation 7 dictates which TIME_INACT
bits the user must choose to set. In Equation 7, Time represents
the time that all acceleration axes must be less than the inactivity
threshold for free fall to be detected.
TIME_INACT = Time (sec) × Data Rate (Hz)
(7)
When a free fall condition is detected, the inactivity status is set
to 1 and, if the function is mapped to an interrupt pin, an inactivity
interrupt triggers on that pin.
Free Fall Start-Up Routine
The following start-up routine configures the ADXL366 for a typical
free fall application. This routine assumes a ±8g measurement
range and 100Hz output data rate. Thresholds and timing values
can be modified to suit particular application needs. Use the follow-
ing procedure for start-up:
1. Write 0x18 to Register 0x24 and write 0x09 to Register 0x23, to
set the free fall threshold to 600mg.
2. Write 0x03 to Register 0x26 to set the free fall time to 30ms.
3. Write 0x04 to Register 0x27 to enable absolute inactivity detec-
tion.
4. Write 0x20 to Register 0x2A or Register 0x2B to map the
inactivity interrupt to the INT1 pin or INT2 pin, respectively.
5. Write 0x83 to Register 0x2C to configure the accelerometer to
the ±8g range and 100Hz ODR.
6. Write 0x02 to Register 0x2D: enter measurement mode. Note
that a 100ms wait time must be observed before the accelera-
tion data becomes valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com