Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 44 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 40Page - Analog Devices ADXL366 Datasheet HTML 41Page - Analog Devices ADXL366 Datasheet HTML 42Page - Analog Devices ADXL366 Datasheet HTML 43Page - Analog Devices ADXL366 Datasheet HTML 44Page - Analog Devices ADXL366 Datasheet HTML 45Page - Analog Devices ADXL366 Datasheet HTML 46Page - Analog Devices ADXL366 Datasheet HTML 47Page - Analog Devices ADXL366 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
Data Sheet
ADXL366
REGISTER DETAILS
analog.com
Rev. 0 | 44 of 71
Table 45. Bit Descriptions for FIFO_CONTROL
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R/W
[6:3]
CHANNEL_SELECT
Enables Selectable Axis Conversions.
0x0
R/W
0000: converts all three axis (x, y, z), which is the default mode.
0001: only x-axis data is converted.
0010: only y-axis data is converted.
0011: only z-axis data is converted.
0100: the x-axis, y-axis, and z-axis data along with the temperature is converted. The TEMP_EN bit (BIt
0, Register 0x3D) must be set to enable the temperature measurement.
0101: the x-axis data along with the temperature is converted. The TEMP_EN bit must be set to enable
the temperature measurement.
0110: the y-axis data along with the temperature is converted. The TEMP_EN bit must be set to enable
the temperature measurement.
0111: the z-axis data along with the temperature is converted. The TEMP_EN bit must be set to enable
the temperature measurement.
1000: the x-axis, y-axis, and z-axis data along with the external ADC is converted. The ADC_EN bit (Bit
0, Register 0x3C) must be set to enable the external ADC measurement.
1001: the x-axis data along with the external ADC is converted. The ADC_EN bit must be set to enable
the external ADC measurement.
1010: the y-axis data along with the external ADC is converted. The ADC_EN bit must be set to enable
the external ADC measurement.
1011: the z-axis data along with the external ADC is converted. The ADC_EN bit must be set to enable
the external ADC measurement.
1100: do not use this setting.
1101: do not use this setting.
1110: do not use this setting.
1111: do not use this setting.
2
FIFO_SAMPLES[8]
The value in this register specifies the number of samples set to store in the FIFO. If the x-axis, y-axis,
and z-axis are configured to be stored in the FIFO and a value of 2 is written to the FIFO samples, 6
samples are written into the FIFO. The full range of the FIFO samples is 0 to 511. The default value of
this register is 0x80 to avoid triggering the FIFO watermark interrupt.
0x0
R/W
[1:0]
FIFO_MODE
FIFO Mode Settings. Any changes to these settings must be made in standby mode only. To change from
one mode to another, it is strongly recommended to go to FIFO_MODE = 00 (FIFO disabled) between
modes to ensure no partial resets or samples occur.
0x0
R/W
00: FIFO disabled.
01: in oldest saved mode, the FIFO accumulates data until it is full and then stops. Additional data is
collected only when space is made available by reading samples out of the FIFO buffer (this mode of
operation is sometimes referred to as first N).
10: in stream mode, the FIFO always contains the most recent data. The oldest sample is discarded
when space is needed to make room for a newer sample (this mode of operation is sometimes
referred to as last N). Stream mode is useful for unburdening a host processor. The processor tends
to other tasks while data is being collected in the FIFO. When the FIFO fills to a certain number of
samples (specified by the FIFO_SAMPLES register along with the FIFO_SAMPLES[8] bit (Bit 2) in the
FIFO_CONTROL register), it triggers a FIFO watermark interrupt (if this interrupt is enabled). At this
point, the host processor can read the contents of the entire FIFO and then return to its other tasks as the
FIFO fills again.
11: in triggered mode, the FIFO saves samples surrounding an activity event. The operation is similar to a
one time run trigger on an oscilloscope. The number of samples to be saved prior to the activity event is
specified in the FIFO_SAMPLES register, along with the FIFO_SAMPLES[8] bit in this FIFO_CONTROL
register. When an activity event triggers the FIFO to start filling, the desired number of samples are
stored, and the FIFO_WATERMARK_INTx is activated (if mapped to one fo the interrupt pins), a FIFO
read must be taken before another interrupt can be activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com