Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 55 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 51Page - Analog Devices ADXL366 Datasheet HTML 52Page - Analog Devices ADXL366 Datasheet HTML 53Page - Analog Devices ADXL366 Datasheet HTML 54Page - Analog Devices ADXL366 Datasheet HTML 55Page - Analog Devices ADXL366 Datasheet HTML 56Page - Analog Devices ADXL366 Datasheet HTML 57Page - Analog Devices ADXL366 Datasheet HTML 58Page - Analog Devices ADXL366 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
Data Sheet
ADXL366
REGISTER DETAILS
analog.com
Rev. 0 | 55 of 71
Table 68. Bit Descriptions for TEMP_ADC_OVER_THRSH_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
TEMP_ADC_THRESH_HIGH[5:0]
To detect activity on the external ADC Or temperature channel,
the ADXL366 compares the absolute value of the 14-bit (signed)
data with the 13-bit (unsigned) TEMP_ADC_THRESH_HIGH value.
TEMP_ADC_THRESH_HIGH is set in codes (1 LSB = 1 code). The value in
g depends on the measurement range setting that is selected.
0x0
R/W
[1:0]
RESERVED
Reserved.
0x0
R
TEMP_ADC_INACT_THRSH_HIGH REGISTER
Address: 0x40, Reset: 0x00, Name: TEMP_ADC_UNDER_THRSH_H
Table 69. Bit Descriptions for TEMP_ADC_UNDER_THRSH_H
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
TEMP_ADC_THRESH_LOW[12:6]
To detect inactivity on the external ADC or temperature channel,
the ADXL366 compares the absolute value of the 14-bit (signed)
data with the 13-bit (unsigned) TEMP_ADC_THRESH_HIGH value.
TEMP_ADC_THRESH_LOW is set in codes (1 LSB = 1 code). The value in
g depends on the measurement range setting that is selected.
0x0
R/W
TEMP_ADC_INACT_THRSH_LOW REGISTER
Address: 0x41, Reset: 0x00, Name: TEMP_ADC_UNDER_THRSH_L
Table 70. Bit Descriptions for TEMP_ADC_UNDER_THRSH_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
TEMP_ADC_THRESH_LOW[5:0]
To detect inactivity on the external ADC or temperature channel,
the ADXL366 compares the absolute value of the 14-bit (signed)
data with the 13-bit (unsigned) TEMP_ADC_THRESH_HIGH value.
TEMP_ADC_THRESH_LOW is set in codes (1 LSB = 1 code). The value
in g depends on the measurement range setting that is selected.
0x0
R/W
[1:0]
RESERVED
Reserved.
0x0
R
TEMPERATURE ACTIVITY INACTIVITY TIMER REGISTER
Address: 0x42, Reset: 0x00, Name: TEMP_ADC_TIMER
Table 71. Bit Descriptions for TEMP_ADC_TIMER
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
TIMER_TEMP_ADC_INACT
The value in this bit field sets the number of consecutive samples that must have
a value less than the activity threshold (set by TEMP_ADC_THRESH_LOW) for an
inactivity event to be detected.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com