Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 16 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 12Page - Analog Devices ADXL366 Datasheet HTML 13Page - Analog Devices ADXL366 Datasheet HTML 14Page - Analog Devices ADXL366 Datasheet HTML 15Page - Analog Devices ADXL366 Datasheet HTML 16Page - Analog Devices ADXL366 Datasheet HTML 17Page - Analog Devices ADXL366 Datasheet HTML 18Page - Analog Devices ADXL366 Datasheet HTML 19Page - Analog Devices ADXL366 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
Data Sheet
ADXL366
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 16 of 71
Figure 30. Sensitivity Deviation from 25°C vs. Temperature, 16 ADXL366
Devices Soldered to PCB, ODR = 100Hz, VS = 2V, X-Axis
Figure 31. Sensitivity Deviation from 25°C vs. Temperature, 16 ADXL366
Devices Soldered to PCB, ODR = 100Hz, VS = 2V, Y-Axis
Figure 32. Sensitivity Deviation from 25°C vs. Temperature, 16 ADXL366
Devices Soldered to PCB, ODR = 100Hz, VS = 2V, Z-Axis
Figure 33. X-Axis Self Test Delta at 25°C,
VS = 2V
Figure 34. Current Consumption at 25°C, Standby Mode,
ODR = 100Hz, VS = 2V
Figure 35. Current Consumption at 25°C, Normal Mode,
ODR = 100Hz, VS = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com