Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 41 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 37Page - Analog Devices ADXL366 Datasheet HTML 38Page - Analog Devices ADXL366 Datasheet HTML 39Page - Analog Devices ADXL366 Datasheet HTML 40Page - Analog Devices ADXL366 Datasheet HTML 41Page - Analog Devices ADXL366 Datasheet HTML 42Page - Analog Devices ADXL366 Datasheet HTML 43Page - Analog Devices ADXL366 Datasheet HTML 44Page - Analog Devices ADXL366 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
Data Sheet
ADXL366
REGISTER DETAILS
analog.com
Rev. 0 | 41 of 71
Table 37. Bit Descriptions for THRESH_ACT_H
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
THRESH_ACT[12:6]
To detect activity, the ADXL366 compares the absolute value of the 14-bit (signed)
acceleration data with the 13-bit (unsigned) THRESH_ACT value. See the Motion Detection
section for more information on activity detection. The term, THRESH_ACT, refers to an
13-bit unsigned value comprised of the THRESH_ACT_L register, which holds its six
LSBs (THRESH_ACT[5:0]), and the THRESH_ACT_H register, which holds its seven MSBs
(THRESH_ACT[12:6]). THRESH_ACT is set in codes. The value in g depends on the
measurement range setting that is selected.
0x0
R/W
THRESHOLD ACTIVITY BITS[5:0] REGISTER
Address: 0x21, Reset: 0x00, Name: THRESH_ACT_L
Table 38. Bit Descriptions for THRESH_ACT_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
THRESH_ACT[5:0]
To detect activity, the ADXL366 compares the absolute value of the 14-bit (signed) acceleration
data with the 13-bit (unsigned) THRESH_ACT value. See the Motion Detection section
for more information on activity detection. The term, THRESH_ACT, refers to a 13-bit
unsigned value comprised of the THRESH_ACT_L register, which holds its six LSBs
(THRESH_ACT[5:0]), and the THRESH_ACT_H register, which holds its seven MSBs
(THRESH_ACT[12:6]). THRESH_ACT is set in codes. The value in g depends on the
measurement range setting that is selected.
0x0
R/W
[1:0]
RESERVED
Reserved.
0x0
R
TIMED ACTIVITY REGISTER
Address: 0x22, Reset: 0x00, Name: TIME_ACT
Table 39. Bit Descriptions for TIME_ACT
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
TIME_ACT
The activity timer implements a robust activity detection that minimizes false positive motion triggers.
When the timer is used, only sustained motion can trigger activity detection. Refer to the Fewer False
Positives section for additional information. The value in this register sets the number of consecutive
samples that must have at least one axis greater than the activity threshold (set by THRESH_ACT) for an
activity event to be detected.
0x0
R/W
THRESHOLD INACTIVITY BITS[12:6] REGISTER
Address: 0x23, Reset: 0x00, Name: THRESH_INACT_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com