Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 70 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 63Page - Analog Devices ADXL366 Datasheet HTML 64Page - Analog Devices ADXL366 Datasheet HTML 65Page - Analog Devices ADXL366 Datasheet HTML 66Page - Analog Devices ADXL366 Datasheet HTML 67Page - Analog Devices ADXL366 Datasheet HTML 68Page - Analog Devices ADXL366 Datasheet HTML 69Page - Analog Devices ADXL366 Datasheet HTML 70Page - Analog Devices ADXL366 Datasheet HTML 71Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 70 / 71 page
background image
Data Sheet
ADXL366
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 70 of 71
LAYOUT AND DESIGN RECOMMENDATIONS
Figure 70 shows the recommended PCB land pattern.
Figure 70. Recommended PCB Land Pattern
AXES OF ACCELERATION SENSITIVITY
Figure 71. Axes of Acceleration Sensitivity (Corresponding Output Increases
When Accelerated Along the Sensitive Axis)
Figure 72. Output Response vs. Orientation to Gravity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com