Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 38 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 34Page - Analog Devices ADXL366 Datasheet HTML 35Page - Analog Devices ADXL366 Datasheet HTML 36Page - Analog Devices ADXL366 Datasheet HTML 37Page - Analog Devices ADXL366 Datasheet HTML 38Page - Analog Devices ADXL366 Datasheet HTML 39Page - Analog Devices ADXL366 Datasheet HTML 40Page - Analog Devices ADXL366 Datasheet HTML 41Page - Analog Devices ADXL366 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
Data Sheet
ADXL366
REGISTER DETAILS
analog.com
Rev. 0 | 38 of 71
X-DATA BITS[5:0] REGISTER
Address: 0x0F, Reset: 0x00, Name: XDATA_L
Table 26. Bit Descriptions for XDATA_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
XDATA[5:0]
These two registers contain the sign extended (X) x-axis acceleration data. XDATA_H contains the
eight MSBs, and XDATA_L contains the six LSBs of the 14-bit value.
0x0
R
[1:0]
RESERVED
Reserved.
0x0
R
Y-DATA BITS[13:6] REGISTER
Address: 0x10, Reset: 0x00, Name: YDATA_H
Table 27. Bit Descriptions for YDATA_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
YDATA[13:6]
These two registers contain the sign extended (Y) y-axis acceleration data. YDATA_H contains the
eight MSBs, and YDATA_L contains the six LSBs of the 14-bit value. Note that Register 0x11 must
always be read immediately after this register to clear data ready. If 8-bit data is desired, read Register
0x09.
0x0
R
Y-DATA BITS[5:0] REGISTER
Address: 0x11, Reset: 0x00, Name: YDATA_L
Table 28. Bit Descriptions for YDATA_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
YDATA[5:0]
These two registers contain the sign extended (Y) y-axis acceleration data. YDATA_H contains the eight
MSBs, and YDATA_L contains the six LSBs of the 14-bit value.
0x0
R
[1:0]
RESERVED
Reserved.
0x0
R
Z-DATA BITS[13:6] REGISTER
Address: 0x12, Reset: 0x00, Name: ZDATA_H
Table 29. Bit Descriptions for ZDATA_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
ZDATA[13:6]
These two registers contain the sign extended (Z) z-axis acceleration data. ZDATA_H contains the
eight MSBs, and ZDATA_L contains the six LSBs of the 14-bit value. Note that Register 0x13 must
always be read immediately after this register to clear data ready. If 8-bit data is desired, read Register
0x0A.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com