Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 40 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 36Page - Analog Devices ADXL366 Datasheet HTML 37Page - Analog Devices ADXL366 Datasheet HTML 38Page - Analog Devices ADXL366 Datasheet HTML 39Page - Analog Devices ADXL366 Datasheet HTML 40Page - Analog Devices ADXL366 Datasheet HTML 41Page - Analog Devices ADXL366 Datasheet HTML 42Page - Analog Devices ADXL366 Datasheet HTML 43Page - Analog Devices ADXL366 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 71 page
background image
Data Sheet
ADXL366
REGISTER DETAILS
analog.com
Rev. 0 | 40 of 71
ADC DATA BITS[5:0] REGISTER
Address: 0x17, Reset: 0x00, Name: EX_ADC_L
Table 34. Bit Descriptions for EX_ADC_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
EX_ADC_DATA[5:0]
These two registers contain the sign extended (ADC) external connected input ADC data.
EX_ADC_H contains the eight MSBs, and EX_ADC_L contains the six LSBs of the 14-bit
value.
0x0
R
[1:0]
RESERVED
Reserved.
0x0
R
I2C FIFO DATA REGISTER
Address: 0x18, Reset: 0x00, Name: I2C_FIFO_DATA
Table 35. Bit Descriptions for I2C_FIFO_DATA
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
I2C_FIFO_DATA
I2C FIFO Data Read Address. A read to this address pops an effective words of axis data from the
FIFO. Two subsequent reads or a multibyte read completes the transaction of this data onto the
interface. Continued reading or a sustained multibyte read of this field continues to pop the FIFO.
Multibyte reads to this address do not increment the address pointer. If this address is read due to
an auto-increment from the previous address, it does not pop the FIFO. Instead, it skips over this
address.
0x0
R
SOFT RESET REGISTER
Address: 0x1F, Reset: 0x00, Name: SOFT_RESET
Table 36. Bit Descriptions for SOFT_RESET
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
SOFT_RESET
Writing Code 0x52 (representing the letter R in ASCII or unicode) to this register immediately resets
the ADXL366. All register settings are cleared, and the sensor is placed in standby. Interrupt pins are
configured to a high output impedance mode and held to a valid state by bus keepers when not being
internally driven.t is recommended to perform a software reset to come out of scan mode if a user
accidentally went int Io scan mode during a brownout, and power cycling did not help. Note that this
is a write-only register. If read, data in it is always 0x00. A latency of 20ms is required after a software
reset.
0x0
W
0
RESERVED
Reserved.
0x0
R
THRESHOLD ACTIVITY BITS[12:6] REGISTER
Address: 0x20, Reset: 0x00, Name: THRESH_ACT_H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com