Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 20 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 16Page - Analog Devices ADXL366 Datasheet HTML 17Page - Analog Devices ADXL366 Datasheet HTML 18Page - Analog Devices ADXL366 Datasheet HTML 19Page - Analog Devices ADXL366 Datasheet HTML 20Page - Analog Devices ADXL366 Datasheet HTML 21Page - Analog Devices ADXL366 Datasheet HTML 22Page - Analog Devices ADXL366 Datasheet HTML 23Page - Analog Devices ADXL366 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
Data Sheet
ADXL366
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 71
EXTERNAL ADC
In addition to a built-in accelerometer and temperature sensor, the
ADXL366 incorporates an additional 14-bit ADC input for digitiza-
tion of any external analog signal. This additional ADC input is
sampled at the same ODR as the acceleration and temperature
data.
Use of the ADC adds approximately 50nA to the total current con-
sumption when operating at 100Hz ODR. The ADXL366 enables
the user to power down the ADC to save power when it is not
required.
The external ADC specification can be found in Table 1.
Analog Inputs
The ADXL366 ADC can convert analog inputs ranging from 0V
(GND) to VREG_OUT, and the input range of the external ADC is
limited to a maximum of 1V by the internally regulated voltage.
Figure 43 shows the typical ADC output vs. input voltage. Notice
that the ADC data format is signed and the input signal is single
ended with respective to VREG_OUT/2; therefore, the code equal to
0LSB is approximately 0.53V.
Figure 43. External ADC Output vs. Voltage Input
Figure 44 shows an equivalent circuit of the input structure of the
ADXL366. The two diodes, D1 and D2, provide ESD protection for
ADC_IN.
During the acquisition phase, the impedance of ADC_IN can be
modeled by the series connection of input resistance (RIN) and
input capacitance (CIN). RIN is typically 20kΩ and is a lumped
component made up of some serial resistors and the on resistance
of the switches. CIN is typically 650fF and is mainly the ADC
sampling capacitor.
To calculate the acquisition time (tACQ) required use the following
formula:
tACQ = 10 × ((RSOURCE + RIN) CIN)
(1)
where RSOURCE is the source impedance.
For 14-bit settling, tACQ must be less than 15µs. tACQ) sets an upper
limit on RSOURCE of approximately 2MΩ. RIN and CIN make a 1-pole,
low-pass filter that reduces undesirable aliasing effects and limits
the noise.
Figure 44. Equivalent Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com