Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 63 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 59Page - Analog Devices ADXL366 Datasheet HTML 60Page - Analog Devices ADXL366 Datasheet HTML 61Page - Analog Devices ADXL366 Datasheet HTML 62Page - Analog Devices ADXL366 Datasheet HTML 63Page - Analog Devices ADXL366 Datasheet HTML 64Page - Analog Devices ADXL366 Datasheet HTML 65Page - Analog Devices ADXL366 Datasheet HTML 66Page - Analog Devices ADXL366 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
Data Sheet
ADXL366
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 63 of 71
POWER SUPPLY REQUIREMENTS
The ADXL366 operates using supply voltage rails ranging from
1.1V to 3.6V. The operating voltage (VS) range specified in Table 1
ranges from 1.1V to 3.6V to account for inaccuracies and transients
of up to ±10% on the supply voltage. Although the run time supply
current is much lower, during power-up or software reset, the
supply current must be greater than 250μA, which ensures that
the internal fuses are loaded correctly. When power cycling the
ADXL366, it is highly recommended to fully discharge the device to
ground level (VS = 0V) on each power cycle. If this is not possible,
care must be taken regarding the following specifications:
►
Supply reset threshold (VRESET)
►
Hold time
►
Rise time
Supply Reset Threshold
During start-up or power cycling of the ADXL366, VS must be
increased from its previous value, which was less than VRESET.
When the device is in operation, any time power is removed from
the ADXL366 or falls to less than 1.1V, VS must be discharged to a
value less than VRESET.
Hold Time
To ensure a successful power-on reset, VS must be held at a value
that is less than VRESET for at least 300ms before reapplying the
supply to the device (see Figure 63).
Rise Time
The supply voltage rise time is defined as the time from 0V to 90%
of VS, which is true regardless of what VS is used (see the Power
Supply Requirements section).
Figure 63. Power Supply Reset and Start-Up Requirements
To enable supply discharge, it is recommended to power the device
from a microcontroller GPIO, connect a shutdown discharge switch
to the supply, or use a voltage regulator with a shutdown discharge
feature.
Following power-on reset, the output requires 100ms to settle after
entering measurement mode.
Power Supply Decoupling
Figure 64 shows the recommended bypass capacitors for use with
the ADXL366.
Figure 64. Recommended Bypass Capacitors
A 0.1µF ceramic capacitor (named CS) at the VS pin and a 0.1µF
ceramic capacitor (named CIO) at the VDDIO pin are placed as close
as possible to the ADXL366. Supply pins are recommended to
adequately decouple the accelerometer from noise on the power
supply. It is also recommended that VS and VDDIO be separate
supplies to minimize digital clocking noise on VS. If this is not
possible, additional filtering of the supplies may be necessary.
When using separate supplies, power VDDIO and VS simultaneously
to avoid a possible current surge (up to 1mA) on the internal power
on reset circuitry.
If additional decoupling is necessary, place a resistor or ferrite
bead, no larger than 100Ω, in series with VS. Additionally, increas-
ing the bypass capacitance on VS to a 1µF tantalum capacitor in
parallel with a 0.1µF ceramic capacitor may also improve noise.
Note that increasing the resistor and capacitor values increases the
RC time constant, which affects the reset time of the device and
means the user requires a longer reset time. Note that the turn-on
time may also be slower.
Ensure that the connection from the ADXL366 ground to the pow-
er supply ground has low impedance because noise transmitted
through ground has an effect similar to noise transmitted through
VS.
For a single-supply condition, the decoupling schematics, as shown
in Figure 65, can be considered if additional decoupling is necessa-
ry. The resistance between VS and VDDIO must be no greater than
10Ω.
Figure 65. Recommended Decoupling Schematics for Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com