Electronic Components Datasheet Search
  English  ▼

X  

ADXL366 Datasheet(PDF) 60 Page - Analog Devices

Part # ADXL366
Description  Micropower, 3-Axis, ±2g/±4g/±8g Digital Output MEMS Accelerometer
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL366 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADXL366 Datasheet HTML 56Page - Analog Devices ADXL366 Datasheet HTML 57Page - Analog Devices ADXL366 Datasheet HTML 58Page - Analog Devices ADXL366 Datasheet HTML 59Page - Analog Devices ADXL366 Datasheet HTML 60Page - Analog Devices ADXL366 Datasheet HTML 61Page - Analog Devices ADXL366 Datasheet HTML 62Page - Analog Devices ADXL366 Datasheet HTML 63Page - Analog Devices ADXL366 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
Data Sheet
ADXL366
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 60 of 71
APPLICATION EXAMPLES
The Device Configuration section, Motion Switch section, Using
External Timing Triggers section, and Implementing Free Fall De-
tection section include a few application circuits, highlighting useful
features of the ADXL366.
Device Configuration
This section outlines the procedure for configuring the device and
acquiring data. In general, the procedure follows the sequence of
the register map, starting with Register 0x20 (THRESH_ACT_H).
The following is a general sequence for configuration:
1. Set activity and inactivity thresholds and timers by writing to
Register 0x20 to Register 0x26. To minimize false positive
motion triggers, set the TIME_ACT register greater than 1.
2. Configure activity and inactivity functions by writing to Register
0x27.
3. Configure FIFO by writing to Register 0x28 and Register 0x29.
4. Map the interrupts by writing to Register 0x2A and Register
0x2B.
5. Configure general device settings by writing to Register 0x2C.
6. Enter measurement mode by writing 10 to the MEASURE bit
field in Register 0x2D.
Settings for each of the registers vary based on application require-
ments. For more information, see the Register Details section.
Motion Switch
The ultra-low power of the ADXL366, combined with the auto-sleep
feature, makes it ideal for use as a motion switch, allowing the host
processor to intelligently manage system power when no motion is
detected. In the example in Figure 59, in the presence of motion,
the ADXL366 AWAKE signal (mapped to the INT1 pin) wakes up
the host processor to control power to the downstream circuitry by
driving the ADP195 high-side power switch.
Figure 59. Awake Signal to Control Power to Downstream Circuitry
The flow diagram of Figure 60 shows a logic implementation exam-
ple of the motion switch.
The flow diagram assumes a ±2g measurement range, operation
in looped mode, and the AWAKE bit mapped to INT1 (as shown in
Figure 59) activity and inactivity in referenced mode. The following
sequence is an example routine to configure the ADXL366 as a
motion switch; however, note that the threshold settings depend on
the specific application use case:
1. Follow the looped start-up routing as described on the Looped
Mode Start-Up Routine section.
2. At this point, the host processor is asleep, and the accelerome-
ter is looking for a motion event to occur.
3. When the motion event exceeds the activity thresholds, the
ADXL366 AWAKE bit toggles to a Logic 1, which means that
INT1 is now high, waking up the host processor.
4. The host processor must immediately execute the following rou-
tine that forces the activity and inactivity references to update:
a. Set the activity threshold below the noise level of the accel-
erometer, for example, 1LSB, as follows:
1. Write 0x00 to the THRESH_ACT_H register (Register
0x20).
2. Write 0x04 to the THRESH_ACT_L register (Register
0x21).
b. Set the activity timer to zero by writing 0x00 to the TIM-
ER_ACT register (Register 0x22).
c. Set the inactivity threshold greater than 1g, for example,
FSR, as follows:
1. Write 0x7F to the THRESH_INACT_H register (Register
0x23).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com