Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 343Page - Renesas Technology Corp HD64F36049 Datasheet HTML 344Page - Renesas Technology Corp HD64F36049 Datasheet HTML 345Page - Renesas Technology Corp HD64F36049 Datasheet HTML 346Page - Renesas Technology Corp HD64F36049 Datasheet HTML 347Page - Renesas Technology Corp HD64F36049 Datasheet HTML 348Page - Renesas Technology Corp HD64F36049 Datasheet HTML 349Page - Renesas Technology Corp HD64F36049 Datasheet HTML 350Page - Renesas Technology Corp HD64F36049 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 562 page
background image
Section 17 Serial Communication Interface 3 (SCI3)
Rev. 3.00 Mar. 15, 2006 Page 315 of 526
REJ09B0060-0300
Operating Frequency
φ (MHz)
18
20
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
110
3
79
–0.12
3
88
–0.25
150
2
233
0.16
3
64
0.16
300
2
116
0.16
2
129
0.16
600
1
233
0.16
2
64
0.16
1200
1
116
0.16
1
129
0.16
2400
0
233
0.16
1
64
0.16
4800
0
116
0.16
0
129
0.16
9600
0
58
–0.96
0
64
0.16
19200
0
28
1.02
0
32
–1.36
31250
0
17
0.00
0
19
0.00
38400
0
14
–2.34
0
15
1.73
[Legend]
—:
A setting is available but error occurs.
Table 17.4
Maximum Bit Rate for Each Frequency (Asynchronous Mode)
φ (MHz)
Maximum Bit
Rate (bit/s)
n
N
φ (MHz)
Maximum Bit
Rate (bit/s)
n
N
2
62500
0
0
8
250000
0
0
2.097152 65536
0
0
9.8304
307200
0
0
2.4576
76800
0
0
10
312500
0
0
3
93750
0
0
12
375000
0
0
3.6864
115200
0
0
12.288
384000
0
0
4
125000
0
0
14
437500
0
0
4.9152
153600
0
0
14.7456
460800
0
0
5
156250
0
0
16
500000
0
0
6
187500
0
0
17.2032
537600
0
0
6.144
192000
0
0
18
562500
0
0
7.3728
230400
0
0
20
625000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com