Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 345Page - Renesas Technology Corp HD64F36049 Datasheet HTML 346Page - Renesas Technology Corp HD64F36049 Datasheet HTML 347Page - Renesas Technology Corp HD64F36049 Datasheet HTML 348Page - Renesas Technology Corp HD64F36049 Datasheet HTML 349Page - Renesas Technology Corp HD64F36049 Datasheet HTML 350Page - Renesas Technology Corp HD64F36049 Datasheet HTML 351Page - Renesas Technology Corp HD64F36049 Datasheet HTML 352Page - Renesas Technology Corp HD64F36049 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 562 page
background image
Section 17 Serial Communication Interface 3 (SCI3)
Rev. 3.00 Mar. 15, 2006 Page 317 of 526
REJ09B0060-0300
Table 17.5
Examples of BRR Settings for Various Bit Rates (Clocked Synchronous Mode) (2)
Operating Frequency
φ (MHz)
18
20
Bit Rate
(bit/s)
n
N
n
N
110
—
—
—
—
250
—
—
—
—
500
3
140
3
155
1k
3
69
3
77
2.5k
2
112
2
124
5k
1
224
1
249
10k
1
112
1
124
25k
0
179
0
199
50k
0
89
0
99
100k
0
44
0
49
250k
0
17
0
19
500k
0
8
0
9
1M
0
4
0
4
2M
—
—
—
—
2.5M
—
—
0
1
4M
—
—
—
—
[Legend]
Blank: No setting is available.
—:
A setting is available but error occurs.
*:
Continuous transfer is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com