Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 349Page - Renesas Technology Corp HD64F36049 Datasheet HTML 350Page - Renesas Technology Corp HD64F36049 Datasheet HTML 351Page - Renesas Technology Corp HD64F36049 Datasheet HTML 352Page - Renesas Technology Corp HD64F36049 Datasheet HTML 353Page - Renesas Technology Corp HD64F36049 Datasheet HTML 354Page - Renesas Technology Corp HD64F36049 Datasheet HTML 355Page - Renesas Technology Corp HD64F36049 Datasheet HTML 356Page - Renesas Technology Corp HD64F36049 Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 562 page
background image
Section 17 Serial Communication Interface 3 (SCI3)
Rev. 3.00 Mar. 15, 2006 Page 321 of 526
REJ09B0060-0300
No
No
No
No
<End>
Yes
Start transmission
Read TDRE flag in SSR
[1]
[2]
[3]
TDRE = 1
[1]
Read SSR and check that the TDRE flag
is set to 1, then write transmit data to
TDR. When data is written to TDR, the
TDRE flag is automaticaly cleared to 0.
[2]
To continue serial transmission, read 1
from the TDRE flag to confirm that
writing is possible, then write data to
TDR. When data is written to TDR, the
TDRE flag is automaticaly cleared to 0.
[3]
To output a break in serial transmission,
after setting PCR to 1 and PDR to 0,
clear TxD in PMR1 to 0, then clear the
TE bit in SCR3 to 0.
Yes
Write transmit data to TDR
All data transmitted?
Yes
Read TEND flag in SSR
Clear TE bit in SCR3 to 0
Clear PDR to 0 and set PCR to 1
TEND = 1
Yes
Break output?
Figure 17.6 Sample Serial Transmission Data Flowchart (Asynchronous Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com