Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 351Page - Renesas Technology Corp HD64F36049 Datasheet HTML 352Page - Renesas Technology Corp HD64F36049 Datasheet HTML 353Page - Renesas Technology Corp HD64F36049 Datasheet HTML 354Page - Renesas Technology Corp HD64F36049 Datasheet HTML 355Page - Renesas Technology Corp HD64F36049 Datasheet HTML 356Page - Renesas Technology Corp HD64F36049 Datasheet HTML 357Page - Renesas Technology Corp HD64F36049 Datasheet HTML 358Page - Renesas Technology Corp HD64F36049 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 562 page
background image
Section 17 Serial Communication Interface 3 (SCI3)
Rev. 3.00 Mar. 15, 2006 Page 323 of 526
REJ09B0060-0300
Table 17.6 shows the states of the SSR status flags and receive data handling when a receive error
is detected. If a receive error is detected, the RDRF flag retains its state before receiving data.
Reception cannot be resumed while a receive error flag is set to 1. Accordingly, clear the OER,
FER, PER, and RDRF bits to 0 before resuming reception. Figure 17.8 shows a sample flow chart
for serial data reception.
Table 17.6
SSR Status Flags and Receive Data Handling
SSR Status Flag
RDRF*
OER
FER
PER
Receive Data
Receive Error Type
1
1
0
0
Lost
Overrun error
0
0
1
0
Transferred to RDR
Framing error
0
0
0
1
Transferred to RDR
Parity error
1
1
1
0
Lost
Overrun error + framing error
1
1
0
1
Lost
Overrun error + parity error
0
0
1
1
Transferred to RDR
Framing error + parity error
1
1
1
1
Lost
Overrun error + framing error +
parity error
Note:
*
The RDRF flag retains the state it had before data reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com