Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 355Page - Renesas Technology Corp HD64F36049 Datasheet HTML 356Page - Renesas Technology Corp HD64F36049 Datasheet HTML 357Page - Renesas Technology Corp HD64F36049 Datasheet HTML 358Page - Renesas Technology Corp HD64F36049 Datasheet HTML 359Page - Renesas Technology Corp HD64F36049 Datasheet HTML 360Page - Renesas Technology Corp HD64F36049 Datasheet HTML 361Page - Renesas Technology Corp HD64F36049 Datasheet HTML 362Page - Renesas Technology Corp HD64F36049 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 562 page
background image
Section 17 Serial Communication Interface 3 (SCI3)
Rev. 3.00 Mar. 15, 2006 Page 327 of 526
REJ09B0060-0300
17.5.3
Serial Data Transmission
Figure 17.10 shows an example of SCI3 operation for transmission in clocked synchronous mode.
In serial transmission, the SCI3 operates as described below.
1. The SCI3 monitors the TDRE flag in SSR, and if the flag is 0, the SCI3 recognizes that data
has been written to TDR, and transfers the data from TDR to TSR.
2. The SCI3 sets the TDRE flag to 1 and starts transmission. If the TIE bit in SCR3 is set to 1 at
this time, a transmit data empty interrupt (TXI) is generated.
3. 8-bit data is sent from the TxD pin synchronized with the output clock when output clock
mode has been specified, and synchronized with the input clock when use of an external clock
has been specified. Serial data is transmitted sequentially from the LSB (bit 0), from the TxD
pin.
4. The SCI3 checks the TDRE flag at the timing for sending the MSB (bit 7).
5. If the TDRE flag is cleared to 0, data is transferred from TDR to TSR, and serial transmission
of the next frame is started.
6.
If the TDRE flag is set to 1, the TEND flag in SSR is set to 1, and the TDRE flag maintains
the output state of the last bit. If the TEIE bit in SCR3 is set to 1 at this time, a TEI interrupt
request is generated.
7.
The SCK3 pin is fixed high at the end of transmission.
Figure 17.11 shows a sample flow chart for serial data transmission. Even if the TDRE flag is
cleared to 0, transmission will not start while a receive error flag (OER, FER, or PER) is set to 1.
Make sure that the receive error flags are cleared to 0 before starting transmission.
Serial
clock
Serial
data
Bit 1
Bit 0
Bit 7
Bit 0
1 frame
1 frame
Bit 1
Bit 6
Bit 7
TDRE
TEND
LSI
operation
User
processing
TXI interrupt request generated
Data written
to TDR
TDRE flag
cleared
to 0
TXI interrupt
request
generated
TEI interrupt request
generated
Figure 17.10 Example of SCI3 Transmission in Clocked Synchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com