Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 352Page - Renesas Technology Corp HD64F36049 Datasheet HTML 353Page - Renesas Technology Corp HD64F36049 Datasheet HTML 354Page - Renesas Technology Corp HD64F36049 Datasheet HTML 355Page - Renesas Technology Corp HD64F36049 Datasheet HTML 356Page - Renesas Technology Corp HD64F36049 Datasheet HTML 357Page - Renesas Technology Corp HD64F36049 Datasheet HTML 358Page - Renesas Technology Corp HD64F36049 Datasheet HTML 359Page - Renesas Technology Corp HD64F36049 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 562 page
background image
Section 17 Serial Communication Interface 3 (SCI3)
Rev. 3.00 Mar. 15, 2006 Page 324 of 526
REJ09B0060-0300
Yes
Yes
Yes
<End>
No
No
No
Start reception
[1]
Read RDRF flag in SSR
Read receive data in RDR
Clear RE bit in SCR3 to 0
[2]
[3]
Read OER, PER, and
FER flags in SSR
Error processing
(Continued on next page)
[4]
OER+PER+FER = 1
RDRF = 1
All data received?
[1]
Read the OER, PER, and FER flags in SSR
to identify the error. If a receive error occurs,
performs the appropriate error processing.
[2]
Read SSR and check that RDRF = 1, then
read the receive data in RDR. The RDRF
flag is cleared automatically.
[3]
To continue serial reception, before the stop
bit for the current frame is received, read the
RDRF flag and read RDR.
The RDRF flag is cleared automatically.
[4]
If a receive error occurs, read the OER, PER,
and FER flags in SSR to identify the error.
After performing the appropriate error
processing, ensure that the OER, PER, and
FER flags are all cleared to 0. Reception
cannot be resumed if any of these flags are
set to 1. In the case of a framing error, a
break can be detected by reading the value
of the input port corresponding to the RxD
pin.
(A)
Figure 17.8 Sample Serial Reception Data Flowchart (Asynchronous Mode) (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com