Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 378Page - Renesas Technology Corp HD64F36049 Datasheet HTML 379Page - Renesas Technology Corp HD64F36049 Datasheet HTML 380Page - Renesas Technology Corp HD64F36049 Datasheet HTML 381Page - Renesas Technology Corp HD64F36049 Datasheet HTML 382Page - Renesas Technology Corp HD64F36049 Datasheet HTML 383Page - Renesas Technology Corp HD64F36049 Datasheet HTML 384Page - Renesas Technology Corp HD64F36049 Datasheet HTML 385Page - Renesas Technology Corp HD64F36049 Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 562 page
background image
Section 18 I
2C Bus Interface 2 (IIC2)
Rev. 3.00 Mar. 15, 2006 Page 350 of 526
REJ09B0060-0300
18.3.4
I
2C Bus Interrupt Enable Register (ICIER)
ICIER enables or disables interrupt sources and acknowledge bits, sets acknowledge bits to be
transferred, and confirms acknowledge bits to be received.
Bit
Bit Name
Initial
Value
R/W
Description
7
TIE
0
R/W
Transmit Interrupt Enable
When the TDRE bit in ICSR is set to 1, this bit enables
or disables the transmit data empty interrupt (TXI).
0: Transmit data empty interrupt request (TXI) is
disabled.
1: Transmit data empty interrupt request (TXI) is
enabled.
6
TEIE
0
R/W
Transmit End Interrupt Enable
This bit enables or disables the transmit end interrupt
(TEI) at the rising of the ninth clock while the TDRE bit
in ICSR is 1. TEI can be canceled by clearing the TEND
bit or the TEIE bit to 0.
0: Transmit end interrupt request (TEI) is disabled.
1: Transmit end interrupt request (TEI) is enabled.
5
RIE
0
R/W
Receive Interrupt Enable
This bit enables or disables the receive data full
interrupt request (RXI) and the overrun error interrupt
request (ERI) with the clocked synchronous format,
when a receive data is transferred from ICDRS to
ICDRR and the RDRF bit in ICSR is set to 1. RXI can
be canceled by clearing the RDRF or RIE bit to 0.
0: Receive data full interrupt request (RXI) and overrun
error interrupt request (ERI) with the clocked
synchronous format are disabled.
1: Receive data full interrupt request (RXI) and overrun
error interrupt request (ERI) with the clocked
synchronous format are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com