Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 374Page - Renesas Technology Corp HD64F36049 Datasheet HTML 375Page - Renesas Technology Corp HD64F36049 Datasheet HTML 376Page - Renesas Technology Corp HD64F36049 Datasheet HTML 377Page - Renesas Technology Corp HD64F36049 Datasheet HTML 378Page - Renesas Technology Corp HD64F36049 Datasheet HTML 379Page - Renesas Technology Corp HD64F36049 Datasheet HTML 380Page - Renesas Technology Corp HD64F36049 Datasheet HTML 381Page - Renesas Technology Corp HD64F36049 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 562 page
background image
Section 18 I
2C Bus Interface 2 (IIC2)
Rev. 3.00 Mar. 15, 2006 Page 346 of 526
REJ09B0060-0300
Table 18.2
Transfer Rate
Bit 3
Bit 2
Bit 1
Bit 0
Transfer Rate
CKS3
CKS2
CKS1
CKS0
Clock
φ=5 MHz
φ=8 MHz
φ=10 MHz φ=16 MHz φ=20 MHz
0
φ/28
179 kHz
286 kHz
357 kHz
571 kHz
714 kHz
0
1
φ/40
125 kHz
200 kHz
250 kHz
400 kHz
500 kHz
0
φ/48
104 kHz
167 kHz
208 kHz
333 kHz
417 kHz
0
1
1
φ/64
78.1 kHz
125 kHz
156 kHz
250 kHz
313 kHz
0
φ/80
62.5 kHz
100 kHz
125 kHz
200 kHz
250 kHz
0
1
φ/100 50.0 kHz
80.0 kHz
100 kHz
160 kHz
200 kHz
0
φ/112 44.6 kHz
71.4 kHz
89.3 kHz
143 kHz
179 kHz
0
1
1
1
φ/128 39.1 kHz
62.5 kHz
78.1 kHz
125 kHz
156 kHz
0
φ/56
89.3 kHz
143 kHz
179 kHz
286 kHz
357 kHz
0
1
φ/80
62.5 kHz
100 kHz
125 kHz
200 kHz
250 kHz
0
φ/96
52.1 kHz
83.3 kHz
104 kHz
167 kHz
208 kHz
0
1
1
φ/128 39.1 kHz
62.5 kHz
78.1 kHz
125 kHz
156 kHz
0
φ/160 31.3 kHz
50.0 kHz
62.5 kHz
100 kHz
125 kHz
0
1
φ/200 25.0 kHz
40.0 kHz
50.0 kHz
80.0 kHz
100 kHz
0
φ/224 22.3 kHz
35.7 kHz
44.6 kHz
71.4 kHz
89.3 kHz
1
1
1
1
φ/256 19.5 kHz
31.3 kHz
39.1 kHz
62.5 kHz
78.1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com