Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 373Page - Renesas Technology Corp HD64F36049 Datasheet HTML 374Page - Renesas Technology Corp HD64F36049 Datasheet HTML 375Page - Renesas Technology Corp HD64F36049 Datasheet HTML 376Page - Renesas Technology Corp HD64F36049 Datasheet HTML 377Page - Renesas Technology Corp HD64F36049 Datasheet HTML 378Page - Renesas Technology Corp HD64F36049 Datasheet HTML 379Page - Renesas Technology Corp HD64F36049 Datasheet HTML 380Page - Renesas Technology Corp HD64F36049 Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 562 page
background image
Section 18 I
2C Bus Interface 2 (IIC2)
Rev. 3.00 Mar. 15, 2006 Page 345 of 526
REJ09B0060-0300
Bit
Bit Name
Initial
Value
R/W
Description
5
4
MST
TRS
0
0
R/W
R/W
Master/Slave Select
Transmit/Receive Select
In master mode with the I
2C bus format, when
arbitration is lost, MST and TRS are both reset by
hardware, causing a transition to slave receive mode.
Modification of the TRS bit should be made between
transfer frames.
After data receive has been started in slave receive
mode, when the first seven bits of the receive data
agree with the slave address that is set to SAR and the
eighth bit is 1, TRS is automatically set to 1. If an
overrun error occurs in master mode with the clock
synchronous serial format, MST is cleared to 0 and
slave receive mode is entered.
Operating modes are described below according to
MST and TRS combination. When clocked synchronous
serial format is selected and MST is 1, clock is output.
00: Slave receive mode
01: Slave transmit mode
10: Master receive mode
11: Master transmit mode
3
2
1
0
CKS3
CKS2
CKS1
CKS0
0
0
0
0
R/W
R/W
R/W
R/W
Transfer Clock Select 3 to 0
These bits should be set according to the necessary
transfer rate (see table 18.2) in master mode. In slave
mode, these bits are used for reservation of the setup
time in transmit mode. The time is 10 t
cyc when CKS3 =
0 and 20 t
cyc when CKS3 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com