| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 373 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 373 Page - Renesas Technology Corp |
|
373 / 562 page ![]() Section 18 I 2C Bus Interface 2 (IIC2) Rev. 3.00 Mar. 15, 2006 Page 341 of 526 REJ09B0060-0300 Section 18 I 2C Bus Interface 2 (IIC2) The I 2C bus interface 2 conforms to and provides a subset of the Philips I2C bus (inter-IC bus) interface functions. The register configuration that controls the I 2C bus differs partly from the Philips configuration, however. Figure 18.1 shows a block diagram of the I 2C bus interface 2. Figure 18.2 shows an example of I/O pin connections to external circuits. 18.1 Features • Selection of I2C format or clocked synchronous serial format • Continuous transmission/reception Since the shift register, transmit data register, and receive data register are independent from each other, the continuous transmission/reception can be performed. I 2C bus format • Start and stop conditions generated automatically in master mode • Selection of acknowledge output levels when receiving • Automatic loading of acknowledge bit when transmitting • Bit synchronization/wait function In master mode, the state of SCL is monitored per bit, and the timing is synchronized automatically. If transmission/reception is not yet possible, set the SCL to low until preparations are completed. • Six interrupt sources Transmit data empty (including slave-address match), transmit end, receive data full (including slave-address match), arbitration lost, NACK detection, and stop condition detection • Direct bus drive Two pins, SCL and SDA pins, function as NMOS open-drain outputs when the bus drive function is selected. Clocked synchronous format • Four interrupt sources Transmit-data-empty, transmit-end, receive-data-full, and overrun error |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |