Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 366Page - Renesas Technology Corp HD64F36049 Datasheet HTML 367Page - Renesas Technology Corp HD64F36049 Datasheet HTML 368Page - Renesas Technology Corp HD64F36049 Datasheet HTML 369Page - Renesas Technology Corp HD64F36049 Datasheet HTML 370Page - Renesas Technology Corp HD64F36049 Datasheet HTML 371Page - Renesas Technology Corp HD64F36049 Datasheet HTML 372Page - Renesas Technology Corp HD64F36049 Datasheet HTML 373Page - Renesas Technology Corp HD64F36049 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 562 page
background image
Section 17 Serial Communication Interface 3 (SCI3)
Rev. 3.00 Mar. 15, 2006 Page 338 of 526
REJ09B0060-0300
17.7
Interrupt Requests
SCI3 creates the following six interrupt requests: transmission end, transmit data empty, receive
data full, and receive errors (overrun error, framing error, and parity error). Table 17.7 shows the
interrupt sources.
Table 17.7
SCI3 Interrupt Requests
Interrupt Requests
Abbreviation
Interrupt Sources
Receive Data Full
RXI
Setting RDRF in SSR
Transmit Data Empty
TXI
Setting TDRE in SSR
Transmission End
TEI
Setting TEND in SSR
Receive Error
ERI
Setting OER, FER, and PER in SSR
The initial value of the TDRE flag in SSR is 1. Thus, when the TIE bit in SCR3 is set to 1 before
transferring the transmit data to TDR, a TXI interrupt request is generated even if the transmit data
is not ready. The initial value of the TEND flag in SSR is 1. Thus, when the TEIE bit in SCR3 is
set to 1 before transferring the transmit data to TDR, a TEI interrupt request is generated even if
the transmit data has not been sent. It is possible to make use of the most of these interrupt
requests efficiently by transferring the transmit data to TDR in the interrupt routine. To prevent
the generation of these interrupt requests (TXI and TEI), set the enable bits (TIE and TEIE) that
correspond to these interrupt requests to 1, after transferring the transmit data to TDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com