Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 372Page - Renesas Technology Corp HD64F36049 Datasheet HTML 373Page - Renesas Technology Corp HD64F36049 Datasheet HTML 374Page - Renesas Technology Corp HD64F36049 Datasheet HTML 375Page - Renesas Technology Corp HD64F36049 Datasheet HTML 376Page - Renesas Technology Corp HD64F36049 Datasheet HTML 377Page - Renesas Technology Corp HD64F36049 Datasheet HTML 378Page - Renesas Technology Corp HD64F36049 Datasheet HTML 379Page - Renesas Technology Corp HD64F36049 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 562 page
background image
Section 18 I
2C Bus Interface 2 (IIC2)
Rev. 3.00 Mar. 15, 2006 Page 344 of 526
REJ09B0060-0300
18.3
Register Descriptions
The I
2C bus interface 2 has the following registers.
• I2C bus control register 1 (ICCR1)
• I2C bus control register 2 (ICCR2)
• I2C bus mode register (ICMR)
• I2C bus interrupt enable register (ICIER)
• I2C bus status register (ICSR)
• I2C bus slave address register (SAR)
• I2C bus transmit data register (ICDRT)
• I2C bus receive data register (ICDRR)
• I2C bus shift register (ICDRS)
18.3.1
I
2C Bus Control Register 1 (ICCR1)
ICCR1 enables or disables the I
2C bus interface 2, controls transmission or reception, and selects
master or slave mode, transmission or reception, and transfer clock frequency in master mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
ICE
0
R/W
I
2C Bus Interface Enable
0: This module is halted. (SCL and SDA pins are set to
port function.)
1: This bit is enabled for transfer operations. (SCL and
SDA pins are bus drive state.)
6
RCVD
0
R/W
Reception Disable
This bit enables or disables the next operation when
TRS is 0 and ICDRR is read.
0: Enables next reception
1: Disables next reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com