Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 385 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 381Page - Renesas Technology Corp HD64F36049 Datasheet HTML 382Page - Renesas Technology Corp HD64F36049 Datasheet HTML 383Page - Renesas Technology Corp HD64F36049 Datasheet HTML 384Page - Renesas Technology Corp HD64F36049 Datasheet HTML 385Page - Renesas Technology Corp HD64F36049 Datasheet HTML 386Page - Renesas Technology Corp HD64F36049 Datasheet HTML 387Page - Renesas Technology Corp HD64F36049 Datasheet HTML 388Page - Renesas Technology Corp HD64F36049 Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 562 page
background image
Section 18 I
2C Bus Interface 2 (IIC2)
Rev. 3.00 Mar. 15, 2006 Page 353 of 526
REJ09B0060-0300
Bit
Bit Name
Initial
Value
R/W
Description
4
NACKF
0
R/W
No Acknowledge Detection Flag
[Setting condition]
• When no acknowledge is detected from the receive
device in transmission while the ACKE bit in ICIER
is 1
[Clearing condition]
• When 0 is written in NACKF after reading NACKF =
1
3
STOP
0
R/W
Stop Condition Detection Flag
[Setting conditions]
• In master mode, when a stop condition is detected
after frame transfer
• In slave mode, when a stop condition is detected
after the general call address or the first byte slave
address, next to detection of start condition, accords
with the address set in SAR
[Clearing condition]
• When 0 is written in STOP after reading STOP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com