Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 401Page - Renesas Technology Corp HD64F36049 Datasheet HTML 402Page - Renesas Technology Corp HD64F36049 Datasheet HTML 403Page - Renesas Technology Corp HD64F36049 Datasheet HTML 404Page - Renesas Technology Corp HD64F36049 Datasheet HTML 405Page - Renesas Technology Corp HD64F36049 Datasheet HTML 406Page - Renesas Technology Corp HD64F36049 Datasheet HTML 407Page - Renesas Technology Corp HD64F36049 Datasheet HTML 408Page - Renesas Technology Corp HD64F36049 Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 562 page
background image
Section 18 I
2C Bus Interface 2 (IIC2)
Rev. 3.00 Mar. 15, 2006 Page 373 of 526
REJ09B0060-0300
18.5
Interrupts
There are six interrupt requests in this module; transmit data empty, transmit end, receive data full,
NACK receive, STOP recognition, and arbitration lost/overrun error. Table 18.3 shows the
contents of each interrupt request.
Table 18.3
Interrupt Requests
Interrupt Request
Abbreviation
Interrupt Condition
I
2C Mode
Clocked
Synchronous
Mode
Transmit Data Empty
TXI
(TDRE=1) • (TIE=1)
Transmit End
TEI
(TEND=1) • (TEIE=1)
Receive Data Full
RXI
(RDRF=1) • (RIE=1)
STOP Recognition
STPI
(STOP=1) • (STIE=1)
×
NACK Receive
×
Arbitration
Lost/Overrun Error
NAKI
{(NACKF=1)+(AL=1)} •
(NAKIE=1)
When interrupt conditions described in table 18.3 are 1 and the I bit in CCR is 0, the CPU
executes an interrupt exception processing. Interrupt sources should be cleared in the exception
processing. TDRE and TEND are automatically cleared to 0 by writing the transmit data to
ICDRT. RDRF are automatically cleared to 0 by reading ICDRR. TDRE is set to 1 again at the
same time when transmit data is written to ICDRT. When TDRE is cleared to 0, then an excessive
data of one byte may be transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com