Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 427Page - Renesas Technology Corp HD64F36049 Datasheet HTML 428Page - Renesas Technology Corp HD64F36049 Datasheet HTML 429Page - Renesas Technology Corp HD64F36049 Datasheet HTML 430Page - Renesas Technology Corp HD64F36049 Datasheet HTML 431Page - Renesas Technology Corp HD64F36049 Datasheet HTML 432Page - Renesas Technology Corp HD64F36049 Datasheet HTML 433Page - Renesas Technology Corp HD64F36049 Datasheet HTML 434Page - Renesas Technology Corp HD64F36049 Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 562 page
background image
Section 20 Power-On Reset and Low-Voltage Detection Circuits (Optional)
Rev. 3.00 Mar. 15, 2006 Page 399 of 526
REJ09B0060-0300
If the power supply voltage (Vcc) falls below Vreset1 (typ. = 2.3 V) voltage, the LVDR function
is performed.
LVDINT
Vcc
Vint (D)
Vint (U)
VSS
LVDDF
LVDUE
LVDUF
IRQ0 interrupt generated
IRQ0 interrupt generated
LVDDE
Vreset1
Figure 20.4 Operational Timing of LVDI Circuit
Procedures for Clearing Settings when Using LVDR and LVDI:
To operate or release the low-voltage detection circuit normally, follow the procedure described
below. Figure 20.5 shows the timing for the operation and release of the low-voltage detection
circuit.
1. To operate the low-voltage detection circuit, set the LVDE bit in LVDCR to 1.
2. Wait for 50
µs (t
LVDON) until the reference voltage and the low-voltage-detection power supply
have stabilized by a software timer, etc. Then, clear the LVDDF and LVDUF bits in LVDSR
to 0 and set the LVDRE, LVDDE, and LVDUE bits in LVDCR to 1, as required.
3. To release the low-voltage detection circuit, start by clearing all of the LVDRE, LVDDE, and
LVDUE bits to 0. Then clear the LVDE bit to 0. The LVDE bit must not be cleared to 0 at the
same timing as the LVDRE, LVDDE, and LVDUE bits because incorrect operation may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com