Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 429Page - Renesas Technology Corp HD64F36049 Datasheet HTML 430Page - Renesas Technology Corp HD64F36049 Datasheet HTML 431Page - Renesas Technology Corp HD64F36049 Datasheet HTML 432Page - Renesas Technology Corp HD64F36049 Datasheet HTML 433Page - Renesas Technology Corp HD64F36049 Datasheet HTML 434Page - Renesas Technology Corp HD64F36049 Datasheet HTML 435Page - Renesas Technology Corp HD64F36049 Datasheet HTML 436Page - Renesas Technology Corp HD64F36049 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 562 page
background image
Section 21 Power Supply Circuit
Rev. 3.00 Mar. 15, 2006 Page 401 of 526
REJ09B0060-0300
Section 21 Power Supply Circuit
This LSI incorporates an internal power supply step-down circuit. Use of this circuit enables the
internal power supply to be fixed at a constant level of approximately 3.0 V, independently of the
voltage of the power supply connected to the external V
CC pin. As a result, the current consumed
when an external power supply is used at 3.0 V or above can be held down to virtually the same
low level as when used at approximately 3.0 V. If the external power supply is 3.0 V or below, the
internal voltage will be practically the same as the external voltage. It is, of course, also possible
to use the same level of external power supply voltage and internal power supply voltage without
using the internal power supply step-down circuit.
21.1
When Using Internal Power Supply Step-Down Circuit
Connect the external power supply to the V
CC pin, and connect a capacitance of approximately 0.1
µF between V
CL and VSS, as shown in figure 21.1. The internal step-down circuit is made effective
simply by adding this external circuit. In the external circuit interface, the external power supply
voltage connected to V
CC and the GND potential connected to VSS are the reference levels. For
example, for port input/output levels, the V
CC level is the reference for the high level, and the VSS
level is that for the low level. The A/D converter analog power supply is not affected by the
internal step-down circuit.
VCL
VSS
Internal
logic
Step-down circuit
Internal
power
supply
Stabilization
capacitance
(approx. 0.1
µF)
VCC
VCC = 3.0 to 5.5 V
Figure 21.1 Power Supply Connection when Internal Step-Down Circuit is Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com