Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 437 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 437 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 433Page - Renesas Technology Corp HD64F36049 Datasheet HTML 434Page - Renesas Technology Corp HD64F36049 Datasheet HTML 435Page - Renesas Technology Corp HD64F36049 Datasheet HTML 436Page - Renesas Technology Corp HD64F36049 Datasheet HTML 437Page - Renesas Technology Corp HD64F36049 Datasheet HTML 438Page - Renesas Technology Corp HD64F36049 Datasheet HTML 439Page - Renesas Technology Corp HD64F36049 Datasheet HTML 440Page - Renesas Technology Corp HD64F36049 Datasheet HTML 441Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 562 page
background image
Section 22 List of Registers
Rev. 3.00 Mar. 15, 2006 Page 405 of 526
REJ09B0060-0300
Register Name
Abbre-
viation
Bit No. Address
Module
Name
Data
Bus
Width
Access
State
Timer control register_1
TCR_1
8
H'FFF710
Timer Z1
8
2
Timer I/O control register A_1
TIORA_1
8
H'FFF711
Timer Z1
8
2
Timer I/O control register C_1
TIORC_1 8
H'FFF712
Timer Z1
8
2
Timer status register_1
TSR_1
8
H'FFF713
Timer Z1
8
2
Timer interrupt enable
register_1
TIER_1
8
H'FFF714
Timer Z1
8
2
PWM mode output level control
register_1
POCR_1
8
H'FFF715
Timer Z1
8
2
Timer counter_1
TCNT_1
16
H'FFF716
Timer Z1
16
2
General register A_1
GRA_1
16
H'FFF718
Timer Z1
16
2
General register B_1
GRB_1
16
H'FFF71A
Timer Z1
16
2
General register C_1
GRC_1
16
H'FFF71C
Timer Z1
16
2
General register D_1
GRD_1
16
H'FFF71E
Timer Z1
16
2
Timer start register
TSTR
8
H'FFF720
Timer Z
common
8
2
Timer mode register
TMDR
8
H'FFF721
Timer Z
common
8
2
Timer PWM mode register
TPMR
8
H'FFF722
Timer Z
common
8
2
Timer function control register
TFCR
8
H'FFF723
Timer Z
common
8
2
Timer output master enable
register
TOER
8
H'FFF724
Timer Z
common
8
2
Timer output control register
TOCR
8
H'FFF725
Timer Z
common
8
2
—
—
—
H'FFF726,
H'FFF727
—
—
—
Second data register/free
running counter data register
RSECDR
8
H'FFF728
RTC
8
2
Minute data register
RMINDR
8
H'FFF729
RTC
8
2
Hour data register
RHRDR
8
H'FFF72A
RTC
8
2
Day-of-week data register
RWKDR
8
H'FFF72B
RTC
8
2
RTC control register 1
RTCCR1
8
H'FFF72C
RTC
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com