Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 434Page - Renesas Technology Corp HD64F36049 Datasheet HTML 435Page - Renesas Technology Corp HD64F36049 Datasheet HTML 436Page - Renesas Technology Corp HD64F36049 Datasheet HTML 437Page - Renesas Technology Corp HD64F36049 Datasheet HTML 438Page - Renesas Technology Corp HD64F36049 Datasheet HTML 439Page - Renesas Technology Corp HD64F36049 Datasheet HTML 440Page - Renesas Technology Corp HD64F36049 Datasheet HTML 441Page - Renesas Technology Corp HD64F36049 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 562 page
background image
Section 22 List of Registers
Rev. 3.00 Mar. 15, 2006 Page 406 of 526
REJ09B0060-0300
Register Name
Abbre-
viation
Bit No. Address
Module
Name
Data
Bus
Width
Access
State
RTC control register 2
RTCCR2
8
H'FFF72D
RTC
8
2
—
—
—
H'FFF72E
—
—
—
Clock source select register
RTCCSR
8
H'FFF72F
RTC
8
2
Low-voltage-detection control
register
LVDCR
8
H'FFF730
LVDC*
1
8
2
Low-voltage-detection status
register
LVDSR
8
H'FFF731
LVDC*
1
8
2
—
—
—
H'FFF732 to
H'FFF73F
—
—
—
Serial mode register_2
SMR_2
8
H'FFF740
SCI3_2
8
3
Bit rate register_2
BRR_2
8
H'FFF741
SCI3_2
8
3
Serial control register 3_2
SCR3_2
8
H'FFF742
SCI3_2
8
3
Transmit data register_2
TDR_2
8
H'FFF743
SCI3_2
8
3
Serial status register_2
SSR_2
8
H'FFF744
SCI3_2
8
3
Receive data register_2
RDR_2
8
H'FFF745
SCI3_2
8
3
—
—
—
H'FFF746,
H'FFF747
—
—
—
I
2C bus control register 1
ICCR1
8
H'FFF748
IIC2
8
2
I
2C bus control register 2
ICCR2
8
H'FFF749
IIC2
8
2
I
2C bus mode register
ICMR
8
H'FFF74A
IIC2
8
2
I
2C bus interrupt enable register ICIER
8
H'FFF74B
IIC2
8
2
I
2C bus status register
ICSR
8
H'FFF74C
IIC2
8
2
Slave address register
SAR
8
H'FFF74D
IIC2
8
2
I
2C bus transmit data register
ICDRT
8
H'FFF74E
IIC2
8
2
I
2C bus receive data register
ICDRR
8
H'FFF74F
IIC2
8
2
—
—
—
H'FFF750 to
H'FFF75F
—
—
—
Timer mode register B1
TMB1
8
H'FFF760
Timer B1
8
2
Timer counter B1
TCB1
8
H'FFF761
Timer B1
8
2
Timer load register B1
TLB1
8
H'FFF761
Timer B1
8
2
—
—
—
H'FFF762 to
H'FFFF7F
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com