Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 434 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 430Page - Renesas Technology Corp HD64F36049 Datasheet HTML 431Page - Renesas Technology Corp HD64F36049 Datasheet HTML 432Page - Renesas Technology Corp HD64F36049 Datasheet HTML 433Page - Renesas Technology Corp HD64F36049 Datasheet HTML 434Page - Renesas Technology Corp HD64F36049 Datasheet HTML 435Page - Renesas Technology Corp HD64F36049 Datasheet HTML 436Page - Renesas Technology Corp HD64F36049 Datasheet HTML 437Page - Renesas Technology Corp HD64F36049 Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 562 page
background image
Section 21 Power Supply Circuit
Rev. 3.00 Mar. 15, 2006 Page 402 of 526
REJ09B0060-0300
21.2
When Not Using Internal Power Supply Step-Down Circuit
When the internal power supply step-down circuit is not used, connect the external power supply
to the V
CL pin and VCC pin, as shown in figure 21.2. The external power supply is then input directly
to the internal power supply. The permissible range for the power supply voltage is 3.0 V to 3.6 V.
Operation cannot be guaranteed if a voltage outside this range (less than 3.0 V or more than 3.6 V)
is input.
VCL
VSS
Internal
logic
Step-down circuit
Internal
power
supply
VCC
VCC = 3.0 to 3.6 V
Figure 21.2 Power Supply Connection when Internal Step-Down Circuit is Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com