| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 436 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 436 Page - Renesas Technology Corp |
|
436 / 562 page ![]() Section 22 List of Registers Rev. 3.00 Mar. 15, 2006 Page 404 of 526 REJ09B0060-0300 22.1 Register Addresses (Address Order) The data-bus width column indicates the number of bits. The access-state column shows the number of states of the specified basic clock that is required for access to the register. Note: Access to undefined or reserved addresses is prohibited. Correct operation of the access itself or later operations is not guaranteed when such a register is accessed. Register Name Abbre- viation Bit No. Address Module Name Data Bus Width Access State — — — H'FFF000 to H'FFF5FF — — — Serial mode register_3 SMR_3 8 H'FFF600 SCI3_3 8 3 Bit rate register_3 BRR_3 8 H'FFF601 SCI3_3 8 3 Serial control register 3_3 SCR3_3 8 H'FFF602 SCI3_3 8 3 Transmit data register_3 TDR_3 8 H'FFF603 SCI3_3 8 3 Serial status register_3 SSR_3 8 H'FFF604 SCI3_3 8 3 Receive data register_3 RDR_3 8 H'FFF605 SCI3_3 8 3 — — — H'FFF606, H'FFF607 — — — Serial mode control register SMCR_3 8 H'FFF608 SCI3_3 8 3 — — — H'FFF609 to H'FFF6FF — — — Timer control register_0 TCR_0 8 H'FFF700 Timer Z0 8 2 Timer I/O control register A_0 TIORA_0 8 H'FFF701 Timer Z0 8 2 Timer I/O control register C_0 TIORC_0 8 H'FFF702 Timer Z0 8 2 Timer status register_0 TSR_0 8 H'FFF703 Timer Z0 8 2 Timer interrupt enable register_0 TIER_0 8 H'FFF704 Timer Z0 8 2 PWM mode output level control register_0 POCR_0 8 H'FFF705 Timer Z0 8 2 Timer counter_0 TCNT_0 16 H'FFF706 Timer Z0 16 2 General register A_0 GRA_0 16 H'FFF708 Timer Z0 16 2 General register B_0 GRB_0 16 H'FFF70A Timer Z0 16 2 General register C_0 GRC_0 16 H'FFF70C Timer Z0 16 2 General register D_0 GRD_0 16 H'FFF70E Timer Z0 16 2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |