Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 435Page - Renesas Technology Corp HD64F36049 Datasheet HTML 436Page - Renesas Technology Corp HD64F36049 Datasheet HTML 437Page - Renesas Technology Corp HD64F36049 Datasheet HTML 438Page - Renesas Technology Corp HD64F36049 Datasheet HTML 439Page - Renesas Technology Corp HD64F36049 Datasheet HTML 440Page - Renesas Technology Corp HD64F36049 Datasheet HTML 441Page - Renesas Technology Corp HD64F36049 Datasheet HTML 442Page - Renesas Technology Corp HD64F36049 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 562 page
background image
Section 22 List of Registers
Rev. 3.00 Mar. 15, 2006 Page 407 of 526
REJ09B0060-0300
Register Name
Abbre-
viation
Bit No. Address
Module
Name
Data
Bus
Width
Access
State
Timer mode register W
TMRW
8
H'FFFF80
Timer W
8
2
Timer control register W
TCRW
8
H'FFFF81
Timer W
8
2
Timer interrupt enable register W
TIERW
8
H'FFFF82
Timer W
8
2
Timer status register W
TSRW
8
H'FFFF83
Timer W
8
2
Timer I/O control register 0
TIOR0
8
H'FFFF84
Timer W
8
2
Timer I/O control register 1
TIOR1
8
H'FFFF85
Timer W
8
2
Timer counter
TCNT
16
H'FFFF86
Timer W
16
2
General register A
GRA
16
H'FFFF88
Timer W
16
2
General register B
GRB
16
H'FFFF8A
Timer W
16
2
General register C
GRC
16
H'FFFF8C
Timer W
16
2
General register D
GRD
16
H'FFFF8E
Timer W
16
2
Flash memory control register 1
FLMCR1
8
H'FFFF90
ROM
8
2
Flash memory control register 2
FLMCR2
8
H'FFFF91
ROM
8
2
Flash memory power control
register
FLPWCR 8
H'FFFF92
ROM
8
2
Erase block register 1
EBR1
8
H'FFFF93
ROM
8
2
—
—
—
H'FFFF94 to
H'FFFF9A
—
—
—
Flash memory enable register
FENR
8
H'FFFF9B
ROM
8
2
—
—
—
H'FFFF9C
to
H'FFFF9F
—
—
—
Timer control register V0
TCRV0
8
H'FFFFA0
Timer V
8
3
Timer control/status register V
TCSRV
8
H'FFFFA1
Timer V
8
3
Time constant register A
TCORA
8
H'FFFFA2
Timer V
8
3
Time constant register B
TCORB
8
H'FFFFA3
Timer V
8
3
Timer counter V
TCNTV
8
H'FFFFA4
Timer V
8
3
Timer control register V1
TCRV1
8
H'FFFFA5
Timer V
8
3
—
—
—
H'FFFFA6,
H'FFFFA7
—
—
—
Serial mode register
SMR
8
H'FFFFA8
SCI3
8
3
Bit rate register
BRR
8
H'FFFFA9
SCI3
8
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com