Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 437Page - Renesas Technology Corp HD64F36049 Datasheet HTML 438Page - Renesas Technology Corp HD64F36049 Datasheet HTML 439Page - Renesas Technology Corp HD64F36049 Datasheet HTML 440Page - Renesas Technology Corp HD64F36049 Datasheet HTML 441Page - Renesas Technology Corp HD64F36049 Datasheet HTML 442Page - Renesas Technology Corp HD64F36049 Datasheet HTML 443Page - Renesas Technology Corp HD64F36049 Datasheet HTML 444Page - Renesas Technology Corp HD64F36049 Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 562 page
background image
Section 22 List of Registers
Rev. 3.00 Mar. 15, 2006 Page 409 of 526
REJ09B0060-0300
Register Name
Abbre-
viation
Bit No. Address
Module
Name
Data
Bus
Width
Access
State
Address break control register
ABRKCR
8
H'FFFFC8
Address
break
8
2
Address break status register
ABRKSR
8
H'FFFFC9
Address
break
8
2
Break address register H
BARH
8
H'FFFFCA
Address
break
8
2
Break address register L
BARL
8
H'FFFFCB
Address
break
8
2
Break data register H
BDRH
8
H'FFFFCC
Address
break
8
2
Break data register L
BDRL
8
H'FFFFCD
Address
break
8
2
—
—
—
H'FFFFCE
—
—
—
Break address register E
BARE
8
H'FFFFCF
Address
break
8
2
Port pull-up control register 1
PUCR1
8
H'FFFFD0
I/O port
8
2
Port pull-up control register 5
PUCR5
8
H'FFFFD1
I/O port
8
2
—
—
—
H'FFFFD2,
H'FFFFD3
—
—
—
Port data register 1
PDR1
8
H'FFFFD4
I/O port
8
2
Port data register 2
PDR2
8
H'FFFFD5
I/O port
8
2
Port data register 3
PDR3
8
H'FFFFD6
I/O port
8
2
—
—
—
H'FFFFD7
—
—
—
Port data register 5
PDR5
8
H'FFFFD8
I/O port
8
2
Port data register 6
PDR6
8
H'FFFFD9
I/O port
8
2
Port data register 7
PDR7
8
H'FFFFDA
I/O port
8
2
Port data register 8
PDR8
8
H'FFFFDB
I/O port
8
2
Port data register 9
PDR9
8
H'FFFFDC
I/O port
8
2
Port data register B
PDRB
8
H'FFFFDD
I/O port
8
2
—
—
—
H'FFFFDE,
H'FFFFDF
—
—
—
Port mode register 1
PMR1
8
H'FFFFE0
I/O port
8
2
Port mode register 5
PMR5
8
H'FFFFE1
I/O port
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com