Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 438Page - Renesas Technology Corp HD64F36049 Datasheet HTML 439Page - Renesas Technology Corp HD64F36049 Datasheet HTML 440Page - Renesas Technology Corp HD64F36049 Datasheet HTML 441Page - Renesas Technology Corp HD64F36049 Datasheet HTML 442Page - Renesas Technology Corp HD64F36049 Datasheet HTML 443Page - Renesas Technology Corp HD64F36049 Datasheet HTML 444Page - Renesas Technology Corp HD64F36049 Datasheet HTML 445Page - Renesas Technology Corp HD64F36049 Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 562 page
background image
Section 22 List of Registers
Rev. 3.00 Mar. 15, 2006 Page 410 of 526
REJ09B0060-0300
Register Name
Abbre-
viation
Bit No. Address
Module
Name
Data
Bus
Width
Access
State
Port mode register 3
PMR3
8
H'FFFFE2
I/O port
8
2
—
—
—
H'FFFFE3
—
—
—
Port control register 1
PCR1
8
H'FFFFE4
I/O port
8
2
Port control register 2
PCR2
8
H'FFFFE5
I/O port
8
2
Port control register 3
PCR3
8
H'FFFFE6
I/O port
8
2
—
—
—
H'FFFFE7
—
—
—
Port control register 5
PCR5
8
H'FFFFE8
I/O port
8
2
Port control register 6
PCR6
8
H'FFFFE9
I/O port
8
2
Port control register 7
PCR7
8
H'FFFFEA
I/O port
8
2
Port control register 8
PCR8
8
H'FFFFEB
I/O port
8
2
Port control register 9
PCR9
8
H'FFFFEC
I/O port
8
2
—
—
—
H'FFFFED
to
H'FFFFEF
—
—
—
System control register 1
SYSCR1
8
H'FFFFF0
Power-
down
8
2
System control register 2
SYSCR2
8
H'FFFFF1
Power-
down
8
2
Interrupt edge select register 1
IEGR1
8
H'FFFFF2
Interrupt
8
2
Interrupt edge select register 2
IEGR2
8
H'FFFFF3
Interrupt
8
2
Interrupt enable register 1
IENR1
8
H'FFFFF4
Interrupt
8
2
Interrupt enable register 2
IENR2
8
H'FFFFF5
Interrupt
8
2
Interrupt flag register 1
IRR1
8
H'FFFFF6
Interrupt
8
2
Interrupt flag register 2
IRR2
8
H'FFFFF7
Interrupt
8
2
Wakeup interrupt flag register
IWPR
8
H'FFFFF8
Interrupt
8
2
Module standby control register 1 MSTCR1
8
H'FFFFF9
Power-
down
8
2
Module standby control register 2 MSTCR2
8
H'FFFFFA
Power-
down
8
2
—
—
—
H'FFFFFB
to
H'FFFFFF
—
—
—
Notes: 1. LVDC: Low-voltage detection circuits (optional)
2. WDT: Watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com