Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 471 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 471 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 467Page - Renesas Technology Corp HD64F36049 Datasheet HTML 468Page - Renesas Technology Corp HD64F36049 Datasheet HTML 469Page - Renesas Technology Corp HD64F36049 Datasheet HTML 470Page - Renesas Technology Corp HD64F36049 Datasheet HTML 471Page - Renesas Technology Corp HD64F36049 Datasheet HTML 472Page - Renesas Technology Corp HD64F36049 Datasheet HTML 473Page - Renesas Technology Corp HD64F36049 Datasheet HTML 474Page - Renesas Technology Corp HD64F36049 Datasheet HTML 475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 562 page
background image
Section 23 Electrical Characteristics
Rev. 3.00 Mar. 15, 2006 Page 439 of 526
REJ09B0060-0300
23.2.6
Flash Memory Characteristics
Table 23.8
Flash Memory Characteristics
V
CC = 3.0 to 5.5 V, VSS = 0.0 V, Ta = –20 to +75°C, unless otherwise indicated.
Test
Values
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Programming time (per 128 bytes)*
1*2*4
t
P
7
ms
Erase time (per block) *
1*3*6
t
E
100
ms
Reprogramming count
N
WEC
1000
10000
Times
Programming
Wait time after SWE
bit setting*
1
x
1
µs
Wait time after PSU
bit setting*
1
y
50
µs
Wait time after P bit setting*
1*4 z1
1
≤ n ≤ 6
28
30
32
µs
z2
7
≤ n ≤ 1000
198
200
202
µs
z3
Additional-
programming
8
10
12
µs
Wait time after P bit clear*
1
α
5
µs
Wait time after PSU bit clear*
1
β
5
µs
Wait time after PV bit setting*
1
γ
4
µs
Wait time after dummy write*
1
ε
2
µs
Wait time after PV bit clear*
1
η
2
µs
Wait time after SWE bit clear*
1
θ
100
µs
Maximum programming
count *
1*4*5
N
1000
Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com