Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 474 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 470Page - Renesas Technology Corp HD64F36049 Datasheet HTML 471Page - Renesas Technology Corp HD64F36049 Datasheet HTML 472Page - Renesas Technology Corp HD64F36049 Datasheet HTML 473Page - Renesas Technology Corp HD64F36049 Datasheet HTML 474Page - Renesas Technology Corp HD64F36049 Datasheet HTML 475Page - Renesas Technology Corp HD64F36049 Datasheet HTML 476Page - Renesas Technology Corp HD64F36049 Datasheet HTML 477Page - Renesas Technology Corp HD64F36049 Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 562 page
background image
Section 23 Electrical Characteristics
Rev. 3.00 Mar. 15, 2006 Page 442 of 526
REJ09B0060-0300
23.2.8
Power-On Reset Circuit Characteristics (Optional)
Table 23.10 Power-On Reset Circuit Characteristics
V
SS = 0.0 V, Ta = –20 to +75°C, unless otherwise indicated.
Values
Item
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Pull-up resistance of
RES pin
R
RES
100
150
k
Ω
Power-on reset start voltage*
V
por
100
mV
Note:
*
The power-supply voltage (Vcc) must fall below Vpor = 100 mV and then rise after
charge of the
RES pin is removed completely. In order to remove charge of the RES
pin, it is recommended that the diode be placed in the Vcc side. If the power-supply
voltage (Vcc) rises from the point over 100 mV, a power-on reset may not occur.
23.3
Electrical Characteristics (Masked ROM Version)
23.3.1
Power Supply Voltage and Operating Ranges
Power Supply Voltage and Oscillation Frequency Range
10.0
2.0
20.0
2.7
4.0
5.5
VCC (V)
φ OSC (MHz)
32.768
2.7
4.0
5.5
VCC (V)
φ W (kHz)
• AVCC = 2.7 to 5.5 V
• Active mode
• Sleep mode
• AVCC = 2.7 to 5.5 V
• All operating modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com