Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 477 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 473Page - Renesas Technology Corp HD64F36049 Datasheet HTML 474Page - Renesas Technology Corp HD64F36049 Datasheet HTML 475Page - Renesas Technology Corp HD64F36049 Datasheet HTML 476Page - Renesas Technology Corp HD64F36049 Datasheet HTML 477Page - Renesas Technology Corp HD64F36049 Datasheet HTML 478Page - Renesas Technology Corp HD64F36049 Datasheet HTML 479Page - Renesas Technology Corp HD64F36049 Datasheet HTML 480Page - Renesas Technology Corp HD64F36049 Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 562 page
background image
Section 23 Electrical Characteristics
Rev. 3.00 Mar. 15, 2006 Page 445 of 526
REJ09B0060-0300
23.3.2
DC Characteristics
Table 23.11 DC Characteristics (1)
V
CC = 2.7 to 5.5 V, VSS = 0.0 V, Ta = –20 to +75°C, unless otherwise indicated.
Values
Item
Symbol
Applicable Pins
Test Condition
Min.
Typ.
Max.
Unit
Notes
Input high
voltage
V
IH
RES, NMI,
WKP0 to WKP5,
IRQ0 to IRQ3,
ADTRG,TMRIV,
V
CC = 4.0 to 5.5 V
V
CC × 0.8
V
CC + 0.3
V
TMCIV, FTIOA0
to FTIOD0,
FTIOA1 to
FTIOD1, FTIOA
to FTIOD, SCK3,
SCK3_2,
SCK3_3, TRGV,
FTCI, TMIB1
V
CC × 0.9
V
CC + 0.3
RXD, RXD_2,
RXD_3, SCL,
SDA,
P10 to P12,
P14 to P17,
P20 to P24,
P30 to P37
V
CC = 4.0 to 5.5 V
V
CC × 0.7
V
CC + 0.3
V
P50 to P57,
P60 to P67,
P70 to P72,
P74 to P77,
P80 to P87,
P90 to P97
V
CC × 0.8
V
CC + 0.3
PB
0 to PB7
V
CC = 4.0 to 5.5 V
V
CC × 0.7
AV
CC + 0.3
V
V
CC × 0.8
AV
CC + 0.3
OSC1
V
CC = 4.0 to 5.5 V
V
CC – 0.5
V
CC + 0.3
V
V
CC – 0.3
V
CC + 0.3
Note:
Connect the TEST pin to Vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com