Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 480 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 476Page - Renesas Technology Corp HD64F36049 Datasheet HTML 477Page - Renesas Technology Corp HD64F36049 Datasheet HTML 478Page - Renesas Technology Corp HD64F36049 Datasheet HTML 479Page - Renesas Technology Corp HD64F36049 Datasheet HTML 480Page - Renesas Technology Corp HD64F36049 Datasheet HTML 481Page - Renesas Technology Corp HD64F36049 Datasheet HTML 482Page - Renesas Technology Corp HD64F36049 Datasheet HTML 483Page - Renesas Technology Corp HD64F36049 Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 562 page
background image
Section 23 Electrical Characteristics
Rev. 3.00 Mar. 15, 2006 Page 448 of 526
REJ09B0060-0300
Values
Item
Symbol
Applicable Pins
Test Condition
Min.
Typ.
Max.
Unit
Notes
Input/
output
leakage
current
| I
IL |
OSC1,
RES, NMI,
WKP0 to WKP5,
IRQ0 to IRQ3,
ADTRG, TRGV,
TMRIV, TMCIV,
FTIOA0 to
FTIOD0, FTIOA1
to FTIOD1,
FTIOA to FTIOD,
RXD, SCK3,
RXD_2, SCK3_2,
RXD_3, SCK3_3,
SCL, SDA,
TMIB1, FTCI
V
IN = 0.5 V or
higher
(V
CC – 0.5 V)
1.0
µA
P10 to P12,
P14 to P17,
P20 to P24,
P30 to P37,
P50 to P57,
P60 to P67,
P70 to P72,
P74 to P77,
P80 to P87,
P90 to P97
V
IN = 0.5 V or
higher
(V
CC – 0.5 V)
1.0
µA
PB0 to PB7
V
IN = 0.5 V or
higher
(AV
CC – 0.5 V)
1.0
µA
Pull-up
MOS
current
–I
p
P10 to P12,
P14 to P17,
V
CC = 5.0 V,
V
IN = 0.0 V
50.0
300.0
µA
P50 to P55
V
CC = 3.0 V,
V
IN = 0.0 V
60.0
Reference
value
Pull-up
MOS
resistance
R
RES
RES
150
k
Ω
Input
capaci-
tance
C
in
All input pins
except power
supply pins
f = 1 MHz,
V
IN = 0.0 V,
T
a = 25°C
15.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com