Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 483 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 483 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 479Page - Renesas Technology Corp HD64F36049 Datasheet HTML 480Page - Renesas Technology Corp HD64F36049 Datasheet HTML 481Page - Renesas Technology Corp HD64F36049 Datasheet HTML 482Page - Renesas Technology Corp HD64F36049 Datasheet HTML 483Page - Renesas Technology Corp HD64F36049 Datasheet HTML 484Page - Renesas Technology Corp HD64F36049 Datasheet HTML 485Page - Renesas Technology Corp HD64F36049 Datasheet HTML 486Page - Renesas Technology Corp HD64F36049 Datasheet HTML 487Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 562 page
background image
Section 23 Electrical Characteristics
Rev. 3.00 Mar. 15, 2006 Page 451 of 526
REJ09B0060-0300
Table 23.11 DC Characteristics (2)
V
CC = 2.7 to 5.5 V, VSS = 0.0 V, Ta = –20 to +75°C, unless otherwise indicated.
Applicable
Values
Item
Symbol
Pins
Test Condition
Min.
Typ.
Max.
Unit
Allowable output low
current (per pin)
I
OL
Output pins
except port 6,
P80 to P84,
SCL, and SDA
V
CC = 4.0 to 5.5 V
2.0
mA
Port 6,
P80 to P84
20.0
Output pins
except port 6,
P80 to P84,
SCL, and SDA
0.5
Port 6,
P80 to P84
10.0
SCL, SDA
6.0
Allowable output low
current (total)
∑I
OL
Output pins
except port 6,
P80 to P84,
SCL, and SDA
V
CC = 4.0 to 5.5 V
40.0
mA
Port 6,
P80 to P84,
SCL, and SDA
80.0
Output pins
except port 6,
P80 to P84,
SCL, and SDA
20.0
Port 6,
P80 to P84,
SCL, and SDA
40.0
Allowable output high
–I
OH
All output pins
V
CC = 4.0 to 5.5 V
2.0
mA
current (per pin)
0.2
Allowable output high
–∑I
OH
All output pins
V
CC = 4.0 to 5.5 V
30.0
mA
current (total)
8.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com