Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 482Page - Renesas Technology Corp HD64F36049 Datasheet HTML 483Page - Renesas Technology Corp HD64F36049 Datasheet HTML 484Page - Renesas Technology Corp HD64F36049 Datasheet HTML 485Page - Renesas Technology Corp HD64F36049 Datasheet HTML 486Page - Renesas Technology Corp HD64F36049 Datasheet HTML 487Page - Renesas Technology Corp HD64F36049 Datasheet HTML 488Page - Renesas Technology Corp HD64F36049 Datasheet HTML 489Page - Renesas Technology Corp HD64F36049 Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 562 page
background image
Section 23 Electrical Characteristics
Rev. 3.00 Mar. 15, 2006 Page 454 of 526
REJ09B0060-0300
Table 23.13 I
2C Bus Interface Timing
V
CC = 2.7 V to 5.5 V, VSS = 0.0 V, Ta = –20 to +75°C, unless otherwise indicated.
Test
Values
Reference
Item
Symbol
Condition Min.
Typ.
Max.
Unit
Figure
SCL input cycle time
t
SCL
12t
cyc + 600
ns
Figure 23.4
SCL input high width
t
SCLH
3t
cyc + 300
ns
SCL input low width
t
SCLL
5t
cyc + 300
ns
SCL and SDA input
fall time
t
Sf
300
ns
SCL and SDA input
spike pulse removal
time
t
SP
1t
cyc
ns
SDA input bus-free
time
t
BUF
5t
cyc
ns
Start condition input
hold time
t
STAH
3t
cyc
ns
Retransmission start
condition input setup
time
t
STAS
3t
cyc
ns
Setup time for stop
condition input
t
STOS
3t
cyc
ns
Data-input setup time t
SDAS
1t
cyc+20
ns
Data-input hold time
t
SDAH
0
ns
Capacitive load of
SCL and SDA
c
b
0
400
pF
SCL and SDA output
fall time
t
Sf
V
CC = 4.0
to 5.5 V
250
ns
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com